전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS120-34 데이터시트(PDF) 3 Page - Total Power International

부품명 TPS120-34
상세설명  Telecommunications/Business machines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS120-34 데이터시트(HTML) 3 Page - Total Power International

  TPS120-34 Datasheet HTML 1Page - Total Power International TPS120-34 Datasheet HTML 2Page - Total Power International TPS120-34 Datasheet HTML 3Page - Total Power International TPS120-34 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPS120
SWITCHING MODE 120W U CHANNEL POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
QUAD OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
12A
15A
1.2A
±
5%
±
1%
+12V
Fixed
4.5A
5.6A
0.45A
±
5%
±
1%
-12V
Fixed
0.5A
0.6A
0.05A
±
10%
±
1%
TPS120-40
-5V
Fixed
0.5A
0.6A
0.05A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
12A
15A
1.2A
±
5%
±
1%
+12V
Fixed
4A
5A
0.4A
±
5%
±
1%
-12V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
TPS120-41
-5 V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
12A
15A
1.2A
±
5%
±
1%
+12V
Fixed
3A
3.8A
0.3A
±
5%
±
1%
-15V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
TPS120-42
+15V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
8A
10A
0.8A
±
5%
±
1%
+12V
Fixed
3.5A
4.4A
0.35A
±
5%
±
1%
- 12V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
TPS120-43
- 15V
Fixed
2A
2.5A
0.2A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
8A
10A
0.8A
±
5%
±
1%
+12V
Fixed
2A
2.5A
0.2A
±
5%
±
1%
- 12V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
TPS120-44
+48V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
8A
10A
0.8A
±
5%
±
1%
+12V
Fixed
2A
2.5A
0.2A
±
5%
±
1%
- 12V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
TPS120-45
+24V
Fixed
2A
2.5A
0.2A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
3A
3.8A
0.3A
±
5%
±
1%
+12V
Fixed
1A
1.3A
0.1A
±
5%
±
1%
- 12V
Fixed
2.5A
3.1A
0.25A
±
10%
±
1%
TPS120-46
+36V
Fixed
2A
2.5A
0.2A
±
10%
±
1%
150W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, input not less nominal line, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version; 50% derated if 12 VDC input version; 25% derated if additional cover.
TOTAL POWER, INT.
TEL: 877-646-0900
FAX: 978-453-7395
E-mail:sales@total-power.com http://www.total-power.com
-3-
TOTAL POWER


유사한 부품 번호 - TPS120-34

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS1200-Q1 TI1-TPS1200-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   TPS1200-Q1 45-V, Automotive Low IQ Smart High Side Driver with Short-Circuit Protection and Diagnostics
DECEMBER 2023
logo
Toppower Electronic Tec...
TPS1205 TOPPOWER-TPS1205 Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205 TOPPOWER-TPS1205 Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205 TOPPOWER-TPS1205 Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1205A TOPPOWER-TPS1205A Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
More results

유사한 설명 - TPS120-34

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1682739 ETC2-1682739 Datasheet
86Kb / 3P
   6-position modular retractile, used to rapidly interconnect electronic computers and business machines
logo
Fujitsu Component Limit...
S190 FUJITSU-S190 Datasheet
108Kb / 4P
   BUSINESS SERVERS
logo
List of Unclassifed Man...
MIL-DTL-26482 ETC2-MIL-DTL-26482 Datasheet
186Kb / 1P
   Connectors Business Unit
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
EPCOS
B57276K0123A027 EPCOS-B57276K0123A027 Datasheet
63Kb / 3P
   Washing machines
logo
TE Connectivity Ltd
85F TEC-85F Datasheet
159Kb / 5P
   Dialysis Machines
logo
Motorola, Inc
XTR446 MOTOROLA-XTR446 Datasheet
889Kb / 2P
   Short-range business radio
logo
Cherry Semiconductor Co...
G83-6104 CHERRY-G83-6104 Datasheet
187Kb / 2P
   G83-6104 Business Keyboard
logo
Toshiba Semiconductor
TLP1243 TOSHIBA-TLP1243_07 Datasheet
215Kb / 9P
   Copiers, Printers and Fax Machines Air-conditioners Game Machines
logo
Guangdong Youtai Semico...
ESDA5V3L UMW-ESDA5V3L Datasheet
559Kb / 4P
   Automatic Teller Machines
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com