전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0808CCN 데이터시트(PDF) 2 Page - Texas Instruments

부품명 ADC0808CCN
상세설명  8-Bit Compatible A/D Converters with 8-Channel Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0808CCN 데이터시트(HTML) 2 Page - Texas Instruments

  ADC0808CCN Datasheet HTML 1Page - Texas Instruments ADC0808CCN Datasheet HTML 2Page - Texas Instruments ADC0808CCN Datasheet HTML 3Page - Texas Instruments ADC0808CCN Datasheet HTML 4Page - Texas Instruments ADC0808CCN Datasheet HTML 5Page - Texas Instruments ADC0808CCN Datasheet HTML 6Page - Texas Instruments ADC0808CCN Datasheet HTML 7Page - Texas Instruments ADC0808CCN Datasheet HTML 8Page - Texas Instruments ADC0808CCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADC0808-N, ADC0809-N
SNAS535H – OCTOBER 1999 – REVISED MARCH 2013
www.ti.com
Figure 1. PDIP Package
Figure 2. PLCC
Package
See Package N0028E
See Package FN0028A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VCC)
(4)
6.5V
Voltage at Any Pin Except Control Inputs
−0.3V to (VCC+0.3V)
Voltage at Control Inputs
−0.3V to +15V
(START, OE, CLOCK, ALE, ADD A, ADD B, ADD C)
Storage Temperature Range
−65°C to +150°C
Package Dissipation at TA=25°C
875 mW
Lead Temp. (Soldering, 10 seconds)
PDIP Package (plastic)
260°C
PLCC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD Susceptibility(5)
400V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
A Zener diode exists, internally, from VCC to GND and has a typical breakdown voltage of 7 VDC.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Conditions
(1) (2)
Temperature Range
TMIN≤TA≤TMAX
−40°C≤TA≤+85°C
Range of VCC
4.5 VDC to 6.0 VDC
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
Electrical Characteristics – Converter Specifications
Converter Specifications: VCC=5 VDC=VREF+, VREF(−)=GND, TMIN≤TA≤TMAX and fCLK=640 kHz unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ADC0808
25°C
±½
LSB
Total Unadjusted Error(1)
TMIN to TMAX
±¾
LSB
(1)
Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors. See Figure 5. None of these A/Ds requires a zero or
full-scale adjust. However, if an all zero code is desired for an analog input other than 0.0V, or if a narrow full-scale span exists (for
example: 0.5V to 4.5V full-scale) the reference voltages can be adjusted to achieve this. See Figure 15.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0808-N ADC0809-N


유사한 부품 번호 - ADC0808CCN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC0808CCN NSC-ADC0808CCN Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ADC0808CCN MICRO-LINEAR-ADC0808CCN Datasheet
169Kb / 12P
   關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0808CCN NSC-ADC0808CCN Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808CCN NSC-ADC0808CCN Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0808CCN TI1-ADC0808CCN Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
More results

유사한 설명 - ADC0808CCN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
[Old version datasheet]   8-Bit Compatible A/D Converters with16-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com