전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0816CCN 데이터시트(PDF) 4 Page - Texas Instruments

부품명 ADC0816CCN
상세설명  8-Bit Compatible A/D Converters with16-Channel Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0816CCN 데이터시트(HTML) 4 Page - Texas Instruments

  ADC0816CCN Datasheet HTML 1Page - Texas Instruments ADC0816CCN Datasheet HTML 2Page - Texas Instruments ADC0816CCN Datasheet HTML 3Page - Texas Instruments ADC0816CCN Datasheet HTML 4Page - Texas Instruments ADC0816CCN Datasheet HTML 5Page - Texas Instruments ADC0816CCN Datasheet HTML 6Page - Texas Instruments ADC0816CCN Datasheet HTML 7Page - Texas Instruments ADC0816CCN Datasheet HTML 8Page - Texas Instruments ADC0816CCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADC0816, ADC0817
SNAS527C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Converter Specifications: VCC = 5 VDC = VREF(+), VREF(−)= GND, VIN = VCOMPARATOR IN,TMIN ≤ TMAX and fCLK = 640 kHz unless
otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ADC0816
Total Unadjusted Error
25°C
±½
LSB
See Note (1)
TMIN to TMAX
±¾
LSB
ADC0817
Total Unadjusted Error
0°C to 70°C
±1
LSB
See Note (1)
TMIN to TMAX
±1¼
LSB
Input Resistance
From Ref(+)to Ref(
−)
1.0
4.5
k
Ω
Analog Input Voltage Range
V(+) or V(
−) (2)
GND
− 0.1
VCC + 0.1
VDC
VREF(+)
Voltage, Top of Ladder
Measured at Ref(+)
VCC
VCC+0.1
V
V
Voltage, Center of Ladder
VCC/2 − 0.1
VCC/2
VCC/2 + 0.1
VREF(−)
Voltage, Bottom of Ladder
Measured at Ref(
−)
−0.1
0
V
Comparator Input Current
fc = 640 kHz,
(3)
−2
±0.5
2
µA
(1)
Total unadjusted error includes offset, full-scale, and linearity errors. See Figure 3. None of these A/Ds requires a zero or full-scale
adjust. However, if an all zero code is desired for an analog input other than 0.0V,or if a narrow full-scale span exists (for example: 0.5V
to 4.5V full-scale)the reference voltages can be adjusted to achieve this. See Figure 13.
(2)
Two on-chip diodes are tied to each analog input which will forward conduct for analog input voltages one diode drop below ground or
one diode drop greater than the VCCsupply. The spec allows 100 mV forward bias of either diode. This means that as long as the analog
VIN does not exceed the supply voltage by more than 100 mV, the output code will be correct. To achieve an absolute0 VDC to 5 VDC
input voltage range will therefore require a minimum supply voltage of 4.900 VDC over temperature variations, initial tolerance and
loading.
(3)
Comparator input current is a bias current into or out of the chopper stabilized comparator. The bias current varies directly with clock
frequency and has little temperature dependence (Figure 6).
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0816 ADC0817


유사한 부품 번호 - ADC0816CCN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
ADC0816CCN NSC-ADC0816CCN Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0816CCN NSC-ADC0816CCN Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0816CCN TI-ADC0816CCN Datasheet
510Kb / 18P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816CCN TI1-ADC0816CCN Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816CCN/NOPB TI1-ADC0816CCN/NOPB Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
More results

유사한 설명 - ADC0816CCN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
INS8292N TI-INS8292N Datasheet
510Kb / 18P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816 TI1-ADC0816_14 Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
[Old version datasheet]   8-Bit Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com