전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-MKI139V4 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STEVAL-MKI139V4
상세설명  Microphone coupon board based on the MP23AB01DH analog MEMS microphone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI139V4 데이터시트(HTML) 2 Page - STMicroelectronics

  STEVAL-MKI139V4 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI139V4 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI139V4 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI139V4 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagrams
STEVAL-MKI139V4
2/4
DocID030364 Rev 1
1
Schematic diagrams
Figure 1: STEVAL-MKI139V4 coupon ciruit schematic
Figure 2: STEVAL-MKI139V4 example of external electrical connections
C2
1µF
VDD
GND1
OUT-
OUT+
VDD
OUT+
3
VDD
1
OUT-
2
GND
4
U1
MP23A B01DM
OUT-
OUT+
GND1
C1
100nF
VDD
C3
270pF
3
3
2
2
1
1
4
4
5
5
6
6
J1
CON6
GND1
GND1


유사한 부품 번호 - STEVAL-MKI139V4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-MKI139V1 STMICROELECTRONICS-STEVAL-MKI139V1 Datasheet
228Kb / 4P
   Microphone coupon board based on the MP33AB01 analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V2 STMICROELECTRONICS-STEVAL-MKI139V2 Datasheet
223Kb / 4P
   Microphone coupon board based on the MP33AB01H analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V3 STMICROELECTRONICS-STEVAL-MKI139V3 Datasheet
246Kb / 4P
   Microphone coupon board based on the MP23AB02B analog MEMS microphone
February 2015 Rev 1
More results

유사한 설명 - STEVAL-MKI139V4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-MKI139V3 STMICROELECTRONICS-STEVAL-MKI139V3 Datasheet
246Kb / 4P
   Microphone coupon board based on the MP23AB02B analog MEMS microphone
February 2015 Rev 1
STEVAL-MIC007V1 STMICROELECTRONICS-STEVAL-MIC007V1 Datasheet
543Kb / 4P
   Microphone coupon board based on the IMP23ABSU analog MEMS microphone
Rev 1 - November 2020
STEVAL-MKI139V1 STMICROELECTRONICS-STEVAL-MKI139V1 Datasheet
228Kb / 4P
   Microphone coupon board based on the MP33AB01 analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V2 STMICROELECTRONICS-STEVAL-MKI139V2 Datasheet
223Kb / 4P
   Microphone coupon board based on the MP33AB01H analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI129V3 STMICROELECTRONICS-STEVAL-MKI129V3 Datasheet
324Kb / 4P
   Microphone coupon board based on the MP34DT01 digital MEMS microphone
February 2013 Rev 1
STEVAL-MKI129V2 STMICROELECTRONICS-STEVAL-MKI129V2 Datasheet
110Kb / 4P
   Microphone coupon board based on the MP34DB01 digital MEMS microphone
January 2013 Rev 1
STEVAL-MIC005V1 STMICROELECTRONICS-STEVAL-MIC005V1 Datasheet
1Mb / 4P
   Microphone coupon board based on the MP23DB02MM digital MEMS microphone
Rev 1 - March 2020
STEVAL-MKI129V4 STMICROELECTRONICS-STEVAL-MKI129V4 Datasheet
213Kb / 4P
   Microphone coupon board based on the MP34DT04 digital MEMS microphone
October 2016 Rev 2
STEVAL-MKI129V1 STMICROELECTRONICS-STEVAL-MKI129V1 Datasheet
99Kb / 4P
   Microphone coupon board based on the MP45DT02 digital MEMS microphone
January 2013 Rev 1
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
   MEMS microphone demonstration board based on the MP34DT01 and STM32
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com