전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-MKI176V1 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STEVAL-MKI176V1
상세설명  Complete LSM6DS3H pinout for a standard DIL24 socket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI176V1 데이터시트(HTML) 2 Page - STMicroelectronics

  STEVAL-MKI176V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI176V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI176V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI176V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-MKI176V1
2/4
DocID029837 Rev 1
1
Schematic diagram
Figure 1: STEVAL-MKI176V1 circuit schematic
GND
GND
GND
GND
VDD
VDDIO
SCx
P17
GND
INT1
INT2
CS
SCL
SDA
SDO
INT1
SCx
SDx
SDO
OCS
INT2
VDD
GND
GND
GND
GND
CS
GND
GND
SDO
1
SDx
2
SCx
3
INT1
4
VDD
8
INT2
9
OCS
10
OSDO
11
LSM6DS3H LGA 2.5x3.0 14L
U1
VDDIO
SDA
SDO
SCL
GND
GND
VDDIO
1
SCL
2
SDA
3
SDO
4
CS
5
RES
9
RES
10
RES
11
GND
12
GND
13
U2
LSM6DS33_LGA3x3_16L
DNM
100nF
C1
100nF
C2
OCS
SDx
P4
OSDO
OSDO
R0
R1
DNM
R0
R2
R0
R3
DNM
R0
R4
R0
R5
DNM
R0
R6
R0
R7
DNM
R0
R8
P18
P3
P3
P18
P24
P4
P24
P5
P5
P17
P16
P16
P6
P6
1
2
3
4
5
6
7
8
9
10
11
12
JP1
Header 12
24
23
22
21
20
19
18
17
16
15
14
13
JP2
Header 12
GSPG0610161615SG


유사한 부품 번호 - STEVAL-MKI176V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-MKI170V1 STMICROELECTRONICS-STEVAL-MKI170V1 Datasheet
213Kb / 4P
   Complete IIS328DQ pinout for a standard DIL 24 socket
January 2016 Rev 1
STEVAL-MKI173V1 STMICROELECTRONICS-STEVAL-MKI173V1 Datasheet
221Kb / 4P
   LSM303AH adapter board for standard DIL24 socket
October 2016 Rev 1
STEVAL-MKI174V1 STMICROELECTRONICS-STEVAL-MKI174V1 Datasheet
241Kb / 4P
   LIS2DS12 adapter board for standard DIL24 socket
October 2016 Rev 1
STEVAL-MKI175V1 STMICROELECTRONICS-STEVAL-MKI175V1 Datasheet
204Kb / 4P
   RoHS compliant
October 2016 Rev 1
STEVAL-MKI177V1 STMICROELECTRONICS-STEVAL-MKI177V1 Datasheet
205Kb / 4P
   Complete LPS35HW pinout for a standard DIL24 socket
October 2016 Rev 1
More results

유사한 설명 - STEVAL-MKI176V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-MKI177V1 STMICROELECTRONICS-STEVAL-MKI177V1 Datasheet
205Kb / 4P
   Complete LPS35HW pinout for a standard DIL24 socket
October 2016 Rev 1
STEVAL-MKI170V1 STMICROELECTRONICS-STEVAL-MKI170V1 Datasheet
213Kb / 4P
   Complete IIS328DQ pinout for a standard DIL 24 socket
January 2016 Rev 1
STEVAL-MKI141V2 STMICROELECTRONICS-STEVAL-MKI141V2 Datasheet
107Kb / 4P
   HTS221 humidity sensor adapter board for standard DIL24 socket (full pinout)
March 2014 Rev 1
STEVAL-MKI159V1 STMICROELECTRONICS-STEVAL-MKI159V1 Datasheet
206Kb / 4P
   LSM9DS1 adapter board for a standard DIL24 socket
September 2016 Rev 2
STEVAL-MKI120V1 STMICROELECTRONICS-STEVAL-MKI120V1 Datasheet
118Kb / 4P
   LPS331AP adapter board for a standard DIL24 socket
STEVAL-MKI182V2 STMICROELECTRONICS-STEVAL-MKI182V2 Datasheet
893Kb / 4P
   ISM330DLC adapter board for a standard DIL24 socket
Rev 1 - May 2018
STEVAL-MKI084V1 STMICROELECTRONICS-STEVAL-MKI084V1 Datasheet
89Kb / 4P
   LPY430AL adapter board for a standard DIL24 socket
STEVAL-MKI122V1 STMICROELECTRONICS-STEVAL-MKI122V1 Datasheet
203Kb / 4P
   LSM330DLC adapter board for a standard DIL24 socket
September 2016 Rev 3
STEVAL-MKI219V1 STMICROELECTRONICS-STEVAL-MKI219V1 Datasheet
192Kb / 4P
   LPS22CH adapter board for a standard DIL24 socket
Rev 1 - February 2021
STEVAL-MKI225A STMICROELECTRONICS-STEVAL-MKI225A Datasheet
1Mb / 5P
   LPS28DFW adapter board for a standard DIL24 socket
17-Mar-2022 Revision 1
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com