전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-VNH5019A 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-VNH5019A
상세설명  Motor driver evaluation board based on VNH5019A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-VNH5019A 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-VNH5019A Datasheet HTML 1Page - STMicroelectronics STEVAL-VNH5019A Datasheet HTML 2Page - STMicroelectronics STEVAL-VNH5019A Datasheet HTML 3Page - STMicroelectronics STEVAL-VNH5019A Datasheet HTML 4Page - STMicroelectronics STEVAL-VNH5019A Datasheet HTML 5Page - STMicroelectronics STEVAL-VNH5019A Datasheet HTML 6Page - STMicroelectronics STEVAL-VNH5019A Datasheet HTML 7Page - STMicroelectronics STEVAL-VNH5019A Datasheet HTML 8Page - STMicroelectronics STEVAL-VNH5019A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For further information contact your local STMicroelectronics sales office.
September 2013
DocID025030 Rev 3
1/12
STEVAL-VNH5019A
Motor driver evaluation board based on VNH5019A
Data brief
Features
• Handling up to 30 A of maximum motor current
output
• Undervoltage and overvoltage shutdown
• Device thermal protection
• Cross-conduction protection
• Very low standby power consumption
• Programmable PWM operation (up to 20 kHz)
• Protection against loss of ground and loss of
VCC
• Motor current monitoring (thanks to VNH5019A
current sense output)
• On-board charge pump output for reverse
polarity protection
• Device output protected against short to
ground and short to VCC
• Graphic User Interface (GUI)
Description
STEVAL-VNH5019A offers dedicated power
stage and controls suitable for electric DC motor
driving. This evaluation board comes
pre-assembled with VNH5019A H-bridge
belonging to the VNH Motor Driver series based
on VIPower® proprietary technology. Typical
applications are Windows Lift, Sliding Door, Seat
regulation.
This Evaluation Board consists of a motherboard
(STM8 Universal Board) and a daughterboard.
The motherboard, based on STM8
microcontroller, provides the logic section for
monitoring and driving the VNH5019A assembled
in the daughterboard.
With the aim to make simpler the board usage
and settings, ST provides a dedicated and user-
friendly software with a Graphic User Interface
(GUI). This enables the user to set VNH5019A
parameters (PWM, Motor direction…) and at the
same time it shows real time device diagnostic
information like current output evolution, battery
voltage monitoring, board temperature and much
more.
Type
RDS(on)
Iout
VCC(max)
VNH5019A-E
18 m
Ω typ
(per leg)
30 A
41 V
Table 1. Device summary
Order code
Reference
STEVAL-VNH5019A
VNH5019A evaluation board
www.st.com


유사한 부품 번호 - STEVAL-VNH5019A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
   Motor driver evaluation board based on VNH5050A
September 2013 Rev 3
More results

유사한 설명 - STEVAL-VNH5019A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
   Motor driver evaluation board based on VNH5050A
September 2013 Rev 3
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
   Power flash LED driver evaluation board based on the STCF02
STEVAL-SPIN3204 STMICROELECTRONICS-STEVAL-SPIN3204 Datasheet
4Mb / 8P
   Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
Rev 1 - May 2019
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
   Audio player evaluation board based on ST7Lite
STEVAL-MKI012V1 STMICROELECTRONICS-STEVAL-MKI012V1 Datasheet
114Kb / 4P
   MEMS analog output evaluation board based on LIS3L06AL
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
   Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
UM1857 STMICROELECTRONICS-UM1857 Datasheet
551Kb / 9P
   Stepper motor driver expansion board based on L6474 for STM32 Nucleo
March 2015 Rev 2
UM0460 STMICROELECTRONICS-UM0460 Datasheet
669Kb / 23P
   Set-top box front panel evaluation board based on
STEVAL-ISB032V1 STMICROELECTRONICS-STEVAL-ISB032V1 Datasheet
243Kb / 4P
   Li-Ion battery charger evaluation board based on STNS01
January 2016 Rev 3
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
   White LED controller evaluation board based on the STLD40D
October 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com