전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3356BZCZD30 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 AM3356BZCZD30
상세설명  Sitara Processors
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM3356BZCZD30 데이터시트(HTML) 3 Page - Texas Instruments

  AM3356BZCZD30 Datasheet HTML 1Page - Texas Instruments AM3356BZCZD30 Datasheet HTML 2Page - Texas Instruments AM3356BZCZD30 Datasheet HTML 3Page - Texas Instruments AM3356BZCZD30 Datasheet HTML 4Page - Texas Instruments AM3356BZCZD30 Datasheet HTML 5Page - Texas Instruments AM3356BZCZD30 Datasheet HTML 6Page - Texas Instruments AM3356BZCZD30 Datasheet HTML 7Page - Texas Instruments AM3356BZCZD30 Datasheet HTML 8Page - Texas Instruments AM3356BZCZD30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 253 page
background image
3
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device Overview
Copyright © 2011–2016, Texas Instruments Incorporated
Programmable High-Quality Image Anti-
Aliasing
Fully Virtualized Memory Addressing for OS
Operation in a Unified Memory Architecture
– LCD Controller
Up to 24-Bit Data Output; 8 Bits per Pixel
(RGB)
Resolution up to 2048 × 2048 (With
Maximum 126-MHz Pixel Clock)
Integrated LCD Interface Display Driver
(LIDD) Controller
Integrated Raster Controller
Integrated DMA Engine to Pull Data from the
External Frame Buffer Without Burdening the
Processor via Interrupts or a Firmware Timer
512-Word Deep Internal FIFO
Supported Display Types:
Character Displays - Uses LIDD
Controller to Program these Displays
Passive Matrix LCD Displays - Uses LCD
Raster Display Controller to Provide
Timing and Data for Constant Graphics
Refresh to a Passive Display
Active Matrix LCD Displays - Uses
External Frame Buffer Space and the
Internal DMA Engine to Drive Streaming
Data to the Panel
– 12-Bit Successive Approximation Register
(SAR) ADC
200K Samples per Second
Input can be Selected from any of the Eight
Analog Inputs Multiplexed Through an 8:1
Analog Switch
Can be Configured to Operate as a 4-Wire,
5-Wire, or 8-Wire Resistive Touch Screen
Controller (TSC) Interface
– Up to Three 32-Bit eCAP Modules
Configurable as Three Capture Inputs or
Three Auxiliary PWM Outputs
– Up to Three Enhanced High-Resolution PWM
Modules (eHRPWMs)
Dedicated 16-Bit Time-Base Counter With
Time and Frequency Controls
Configurable as Six Single-Ended, Six Dual-
Edge Symmetric, or Three Dual-Edge
Asymmetric Outputs
– Up to Three 32-Bit Enhanced Quadrature
Encoder Pulse (eQEP) Modules
• Device Identification
– Contains Electrical Fuse Farm (FuseFarm) of
Which Some Bits are Factory Programmable
Production ID
Device Part Number (Unique JTAG ID)
Device Revision (Readable by Host ARM)
• Debug Interface Support
– JTAG and cJTAG for ARM (Cortex-A8 and
PRCM), PRU-ICSS Debug
– Supports Device Boundary Scan
– Supports IEEE 1500
• DMA
– On-Chip Enhanced DMA Controller (EDMA) has
Three Third-Party Transfer Controllers (TPTCs)
and One Third-Party Channel Controller
(TPCC), Which Supports up to 64
Programmable Logical Channels and Eight
QDMA Channels. EDMA is Used for:
Transfers to and from On-Chip Memories
Transfers to and from External Storage
(EMIF, GPMC, Slave Peripherals)
• Inter-Processor Communication (IPC)
– Integrates Hardware-Based Mailbox for IPC and
Spinlock for Process Synchronization Between
Cortex-A8, PRCM, and PRU-ICSS
Mailbox Registers that Generate Interrupts
Four Initiators (Cortex-A8, PRCM, PRU0,
PRU1)
Spinlock has 128 Software-Assigned Lock
Registers
• Security
– Crypto Hardware Accelerators (AES, SHA,
RNG)
– Secure Boot
• Boot Modes
– Boot Mode is Selected Through Boot
Configuration Pins Latched on the Rising Edge
of the PWRONRSTn Reset Input Pin
• Packages:
– 298-Pin S-PBGA-N298 Via Channel Package
(ZCE Suffix), 0.65-mm Ball Pitch
– 324-Pin S-PBGA-N324 Package
(ZCZ Suffix), 0.80-mm Ball Pitch


유사한 부품 번호 - AM3356BZCZD30

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3356BZCZD30 TI1-AM3356BZCZD30 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3356BZCZD30 TI1-AM3356BZCZD30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3356BZCZD30 TI1-AM3356BZCZD30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3356BZCZD30 TI1-AM3356BZCZD30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3356BZCZD30 TI1-AM3356BZCZD30 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

유사한 설명 - AM3356BZCZD30

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com