전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3357BZCZA60 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 AM3357BZCZA60
상세설명  Sitara Processors
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM3357BZCZA60 데이터시트(HTML) 8 Page - Texas Instruments

Back Button AM3357BZCZA60 Datasheet HTML 4Page - Texas Instruments AM3357BZCZA60 Datasheet HTML 5Page - Texas Instruments AM3357BZCZA60 Datasheet HTML 6Page - Texas Instruments AM3357BZCZA60 Datasheet HTML 7Page - Texas Instruments AM3357BZCZA60 Datasheet HTML 8Page - Texas Instruments AM3357BZCZA60 Datasheet HTML 9Page - Texas Instruments AM3357BZCZA60 Datasheet HTML 10Page - Texas Instruments AM3357BZCZA60 Datasheet HTML 11Page - Texas Instruments AM3357BZCZA60 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 253 page
background image
8
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device Comparison
Copyright © 2011–2016, Texas Instruments Incorporated
3
Device Comparison
Table 3-1 shows the features supported across different AM335x devices.
Table 3-1. Device Features Comparison
FUNCTION
AM3351
AM3352
AM3354
AM3356
AM3357
AM3358
AM3359
ARM Cortex-A8
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Frequency(1)
300 MHz
600 MHz
300 MHz
600 MHz
800 MHz
1000 MHz
600 MHz
800 MHz
1000 MHz
300 MHz
600 MHz
800 MHz
300 MHz
600 MHz
800 MHz
600 MHz
800 MHz
1000 MHz
600 MHz
800 MHz
MIPS(2)
600
1200
600
1200
1600
2000
1200
1600
2000
600
1200
1600
600
1200
1600
1200
1600
2000
1200
1600
On-chip L1 cache
64KB
64KB
64KB
64KB
64KB
64KB
64KB
On-chip L2 cache
256KB
256KB
256KB
256KB
256KB
256KB
256KB
Graphics accelerator
(SGX530)
3D
3D
3D
Hardware acceleration
Crypto
accelerator
Crypto
accelerator
Crypto
accelerator
Crypto
accelerator
Crypto
accelerator
Crypto
accelerator
Crypto
accelerator
Programmable real-time
unit subsystem and
industrial communication
subsystem (PRU-ICSS)
Features
including basic
Industrial
protocols;
ZCE: Limited
PRU I/Os pinned
out
Features
including all
Industrial
protocols
Features
including basic
Industrial
protocols
Features
including all
Industrial
protocols
On-chip memory
128KB
128KB
128KB
128KB
128KB
128KB
128KB
Display options
LCD
LCD
LCD
LCD
LCD
LCD
LCD
General-purpose memory
1 16-bit (GPMC,
NAND flash,
NOR flash,
SRAM)
1 16-bit (GPMC,
NAND flash,
NOR flash,
SRAM)
1 16-bit (GPMC,
NAND flash,
NOR flash,
SRAM)
1 16-bit (GPMC,
NAND flash,
NOR flash,
SRAM)
1 16-bit (GPMC,
NAND flash,
NOR flash,
SRAM)
1 16-bit (GPMC,
NAND flash,
NOR flash,
SRAM)
1 16-bit (GPMC,
NAND flash,
NOR flash,
SRAM)
DRAM(3)
1 16-bit
(LPDDR-400,
DDR2-532,
DDR3-800)
1 16-bit
(LPDDR-400,
DDR2-532,
DDR3-800)
1 16-bit
(LPDDR-400,
DDR2-532,
DDR3-800)
1 16-bit
(LPDDR-400,
DDR2-532,
DDR3-800)
1 16-bit
(LPDDR-400,
DDR2-532,
DDR3-800)
1 16-bit
(LPDDR-400,
DDR2-532,
DDR3-800)
1 16-bit
(LPDDR-400,
DDR2-532,
DDR3-800)
Universal serial bus (USB)
ZCE: 1 port
ZCE: 1 port
ZCZ: 2 ports
ZCE: 1 port
ZCZ: 2 ports
ZCE: 1 port
ZCZ: 2 ports
No ZCE
Available
ZCZ: 2 ports
No ZCE
Available
ZCZ: 2 ports
No ZCE
Available
ZCZ: 2 ports
Ethernet media access
controller (EMAC) with 2-
port switch
10/100/1000
ZCE: 1 port
10/100/1000
ZCE: 1 port
ZCZ: 2 ports
10/100/1000
ZCE: 1 port
ZCZ: 2 ports
10/100/1000
ZCE: 1 port
ZCZ: 2 ports
10/100/1000
No ZCE
Available
ZCZ: 2 ports
10/100/1000
No ZCE
Available
ZCZ: 2 ports
10/100/1000
No ZCE
Available
ZCZ: 2 ports
Multimedia card (MMC)
3
3
3
3
3
3
3
Controller-area network
(CAN)
2
2
2
2
2
2
Universal asynchronous
receiver and transmitter
(UART)
6
6
6
6
6
6
6
Analog-to-digital converter
(ADC)
8-ch 12-bit
8-ch 12-bit
8-ch 12-bit
8-ch 12-bit
8-ch 12-bit
8-ch 12-bit
8-ch 12-bit
Enhanced high-resolution
PWM modules
(eHRPWM)
3
3
3
3
3
3
3
Enhanced capture
modules (eCAP)
3
3
3
3
3
3
3
Enhanced quadrature
encoder pulse (eQEP)
3
3
3
3
3
3
3
Real-time clock (RTC)
1
1
1
1
1
1
1
Inter-integrated circuit
(I2C)
3
3
3
3
3
3
3


유사한 부품 번호 - AM3357BZCZA60

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3357BZCZA60 TI1-AM3357BZCZA60 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3357BZCZA60 TI1-AM3357BZCZA60 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3357BZCZA60 TI1-AM3357BZCZA60 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3357BZCZA60 TI1-AM3357BZCZA60 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3357BZCZA60 TI1-AM3357BZCZA60 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

유사한 설명 - AM3357BZCZA60

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com