전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD6N80K5 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STD6N80K5
상세설명  Zener-protected
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6N80K5 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STD6N80K5 Datasheet HTML 6Page - STMicroelectronics STD6N80K5 Datasheet HTML 7Page - STMicroelectronics STD6N80K5 Datasheet HTML 8Page - STMicroelectronics STD6N80K5 Datasheet HTML 9Page - STMicroelectronics STD6N80K5 Datasheet HTML 10Page - STMicroelectronics STD6N80K5 Datasheet HTML 11Page - STMicroelectronics STD6N80K5 Datasheet HTML 12Page - STMicroelectronics STD6N80K5 Datasheet HTML 13Page - STMicroelectronics STD6N80K5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Package information
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
10/26
DocID024661 Rev 3
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
D²PAK package information
Figure 22. D²PAK outline


유사한 부품 번호 - STD6N80K5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD6N10 STMICROELECTRONICS-STD6N10 Datasheet
171Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
1Mb / 22P
   Extremely high dv/dt capability
March 2011 Rev 2
STD6N60M2 STMICROELECTRONICS-STD6N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2016 Rev 3
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
More results

유사한 설명 - STD6N80K5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
   Zener-protected
January 2016 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com