전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD15N60M2-EP 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STD15N60M2-EP
상세설명  Extremely low gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD15N60M2-EP 데이터시트(HTML) 5 Page - STMicroelectronics

  STD15N60M2-EP Datasheet HTML 1Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 2Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 3Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 4Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 5Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 6Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 7Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 8Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STD15N60M2-EP
Electrical characteristics
DocID027308 Rev 1
5/15
Table 8: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on
delay time
VDD = 300 V, ID = 5.5 A RG = 4.7
Ω,
VGS = 10 V (see Figure 14: "Switching times
test circuit for resistive load" and Figure 19:
"Switching time waveform")
-
11
-
ns
tr
Rise time
-
10
-
ns
td(off)
Turn-off-
delay time
-
40
-
ns
tf
Fall time
-
15
-
ns
Table 9: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain
current
-
11
A
ISDM(1)
Source-drain
current
(pulsed)
-
44
A
VSD (2)
Forward on
voltage
VGS = 0 V, ISD = 11 A
-
1.6
V
trr
Reverse
recovery time
ISD = 11 A, di/dt = 100 A/µs, VDD = 60 V
(see Figure 16: " Test circuit for inductive
load switching and diode recovery times")
-
280
ns
Qrr
Reverse
recovery
charge
-
2.7
µC
IRRM
Reverse
recovery
current
-
19.5
A
trr
Reverse
recovery time
ISD = 11 A, di/dt = 100 A/µs, VDD = 60 V,
Tj = 150 °C (see Figure 16: " Test circuit
for inductive load switching and diode
recovery times")
-
400
ns
Qrr
Reverse
recovery
charge
-
3.8
µC
IRRM
Reverse
recovery
current
-
19
A
Notes:
(1)Pulse width is limited by safe operating area
(2)Pulsed: pulse duration = 300 µs, duty cycle 1.5%


유사한 부품 번호 - STD15N60M2-EP

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD15N60DM6 STMICROELECTRONICS-STD15N60DM6 Datasheet
346Kb / 17P
   N-channel 600 V, 286 m廓 typ., 12 A MDmesh DM6 Power MOSFET in a DPAK package
Rev 1 - May 2020
More results

유사한 설명 - STD15N60M2-EP

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
   Extremely low gate charge
December 2015 Rev 1
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
   Extremely low gate charge
January 2015 Rev 1
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
June 2013 Rev 1
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2014 Rev 1
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
   Extremely low gate charge
June 2016 Rev 2
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
   Extremely low gate charge
August 2014 Rev 2
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
   Extremely low gate charge
December 2014 Rev 1
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
   Extremely low gate charge
January 2016 Rev 1
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
   Extremely low gate charge
December 2014 Rev 1
STB24N65M2 STMICROELECTRONICS-STB24N65M2 Datasheet
1Mb / 20P
   Extremely low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com