전자부품 데이터시트 검색엔진 |
|
CAR0603-10RB1 데이터시트(PDF) 1 Page - Riedon Powertron |
|
CAR0603-10RB1 데이터시트(HTML) 1 Page - Riedon Powertron |
1 / 3 page Riedon Inc. 300 Cypress Avenue Alhambra CA 91801 (626) 284-9901 (626) 284-1704 www.riedon.com 09/15 SPECIFICATIONS - STANDARD Package Size Power Rating (W) at 70°C MAX Operating Voltage1 MAX Overload Voltage2 Resistance Range TCR PPM/°C ±0.01% ±0.05% ±0.1% ±0.25% ±0.5% ±1% 0402 0.0625 25V 50V 49.9Ω - 4.99KΩ ±5 49.9Ω - 12KΩ ±10 49.9Ω - 12KΩ 49.9Ω - 69.8KΩ ±15 - 49.9Ω - 12KΩ 10Ω - 255KΩ ±25 10Ω - 255KΩ 1Ω - 255KΩ ±50 0603 0.0625 50V 100V 24.9Ω - 15KΩ ±5 24.9Ω - 100KΩ 4.7Ω - 332KΩ ±10 ±15 - 4.7Ω - 332KΩ 4.7Ω - 1MΩ 2Ω - 1MΩ ±25 1Ω - 1MΩ ±50 0805 0.100 100V 200V 24.9Ω - 30KΩ ±5 24.9Ω - 200KΩ 4.7Ω - 511KΩ ±10 ±15 - 4.7Ω - 511KΩ 4.7Ω - 2MΩ 1Ω - 2MΩ ±25 ±50 1206 0.125 150V 300V 24.9Ω - 49.9KΩ ±5 24.9Ω - 499KΩ 4.7Ω - 1MΩ ±10 ±15 - 4.7Ω - 1MΩ 4.7Ω - 2.49MΩ 1Ω - 2.49MΩ ±25 ±50 2010 0.250 150V 300V 24.9Ω - 100KΩ ±5 24.9Ω - 499KΩ 4.7Ω - 1MΩ ±10 ±15 - 4.7Ω - 1MΩ 4.7Ω - 3MΩ 1Ω - 3MΩ ±25 ±50 2512 0.500 150V 300V 24.9Ω - 100KΩ ±5 24.9Ω - 499KΩ 4.7Ω - 1MΩ ±10 ±15 - 4.7Ω - 1MΩ 4.7Ω - 3MΩ 1Ω - 3MΩ ±25 ±50 CAR Series • Resistances from 1 Ohm to 3M Ohms • Power Rating 0.06 to 0.75 Watt • Resistance Tolerances to ± 0.01% • TCR’s to ±5 ppm/°C • Sizes: 0402 /0603 / 0805 / 1206 / 2010 / 2512 • Operating Temperature: -55°C to 155°C Thin Film Precision Chip Resistor 1 Operating Voltage = or MAX Listed, whichever is lower. 2 Overload Voltage = 2.5 * or MAX Listed, whichever is lower. ( P * R ) ( P * R ) |
유사한 부품 번호 - CAR0603-10RB1 |
|
유사한 설명 - CAR0603-10RB1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |