전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAR0603-10RB1 데이터시트(PDF) 3 Page - Riedon Powertron

부품명 CAR0603-10RB1
상세설명  CAR Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RIEDON [Riedon Powertron]
홈페이지  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CAR0603-10RB1 데이터시트(HTML) 3 Page - Riedon Powertron

  CAR0603-10RB1 Datasheet HTML 1Page - Riedon Powertron CAR0603-10RB1 Datasheet HTML 2Page - Riedon Powertron CAR0603-10RB1 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
09/15
Environmental Characteristics
Test
Requirement
Conditions
Tol. < 0.05%
Tol. >0.05%
TCR
As Spec.
+25/-55/+25/+125/+25°C
Short Time Overload
ΔR±0.05%
ΔR±0.2%
RCWV*2.5 or Max. overload voltage for 5 seconds
ΔR±0.2% for high power rating
Insulation Resistance
>1000 MΩ
Apply 100VDC for 1 minute
Load Life
ΔR±0.05%
ΔR±0.2%
70±2°C, Max. working voltage for 1000 hrs with 1.5 hrs
“ON” and 0.5 hrs “OFF”
>7kΩ ΔR±0.5%
ΔR±0.5% for high power rating
Damp Heat with Load
ΔR±0.05%
ΔR±0.3%
40±2°C, 90~95% R.H. Max. working voltage for 1000
hrs with 1.5 hrs “ON” and 0.5 hrs “OFF”
ΔR±0.5% for high power rating
Bending Strength
ΔR±0.05%
ΔR±0.2%
Bending amplitude 3 mm for 10 seconds
Solderability
95% min. coverage
245±5°C for 3 seconds
Resistance to Soldering Heat
ΔR±0.05%
ΔR±0.2%
260±5°C for 10 seconds
Thermal Shock
ΔR±0.05%
ΔR±0.25%
-55°C~150°C, 100 cycles
Low Temperature Operation
ΔR±0.05%
ΔR±0.2%
1 hour, -65°C, followed by 45 minutes of RCWV
ΔR±0.5% for high power rating
Pow er Derating Curve
0
20
40
60
80
100
0
20
40
60
70
80
100 120 140 155
Am bient Tem perature (°C)
CAR Series
Thin Film Precision Chip Resistor
Ordering Information
Part Description: Part Type - Package Size- Resistance - Tolerance - TCR - HP option
Example: CAR0402 50 Ohms 0.05% 25ppm HP
(Note: if no TCR is specified: The highest value will be supplied)


유사한 부품 번호 - CAR0603-10RB1

제조업체부품명데이터시트상세설명
logo
Riedon Powertron
CAR0603 RIEDON-CAR0603 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR0603 RIEDON-CAR0603 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
More results

유사한 설명 - CAR0603-10RB1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
logo
Pepperl+Fuchs Inc.
CCS01-R PF-CCS01-R Datasheet
116Kb / 1P
   Car charger
logo
SUNNY Computer Technolo...
RY-CC24U2 SUNNY-RY-CC24U2 Datasheet
619Kb / 2P
   Car adapter
14.10.2020
logo
Shenzhen Huazhimei Semi...
HM1494 HMSEMI-HM1494 Datasheet
475Kb / 6P
   Car charger
HM1495 HMSEMI-HM1495 Datasheet
1Mb / 11P
   Car charger
HM1496 HMSEMI-HM1496 Datasheet
1Mb / 11P
   Car charger
logo
SUNNY Computer Technolo...
STXX-90XX-CUV SUNNY-STXX-90XX-CUV Datasheet
483Kb / 1P
   Car adapter
logo
NXP Semiconductors
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com