전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF6N80K5 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STF6N80K5
상세설명  Ultra low gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6N80K5 데이터시트(HTML) 1 Page - STMicroelectronics

  STF6N80K5 Datasheet HTML 1Page - STMicroelectronics STF6N80K5 Datasheet HTML 2Page - STMicroelectronics STF6N80K5 Datasheet HTML 3Page - STMicroelectronics STF6N80K5 Datasheet HTML 4Page - STMicroelectronics STF6N80K5 Datasheet HTML 5Page - STMicroelectronics STF6N80K5 Datasheet HTML 6Page - STMicroelectronics STF6N80K5 Datasheet HTML 7Page - STMicroelectronics STF6N80K5 Datasheet HTML 8Page - STMicroelectronics STF6N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
September 2016
DocID024664 Rev 4
1/15
STF6N80K5,
STFI6N80K5
N-channel 800 V, 1.3
Ω typ., 4.5 A MDmesh™ K5
Power MOSFETs in TO-220FP and I²PAKFP packages
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Industry’s lowest RDS(on)
• Industry’s best figure of merit (FoM)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These very high voltage N-channel Power
MOSFETs are designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
D(2)
G(1)
S(3)
AM01476v1
TO-220FP
1
2
3
1
2
3
I PAKFP
2
Order code
VDS
RDS(on)max
ID
PTOT
STF6N80K5
800 V
1.6
4.5 A
25 W
STFI6N80K5
Table 1. Device summary
Order code
Marking
Package
Packing
STF6N80K5
6N80K5
TO-220FP
Tube
STFI6N80K5
I2PAKFP
www.st.com


유사한 부품 번호 - STF6N80K5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STF6N52K3 STMICROELECTRONICS-STF6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
STF6N52K3 STMICROELECTRONICS-STF6N52K3 Datasheet
1Mb / 22P
   Extremely high dv/dt capability
March 2011 Rev 2
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
   N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
March 2020 Rev 3
STF6N60M2 STMICROELECTRONICS-STF6N60M2 Datasheet
1Mb / 18P
   Extremely low gate charge
October 2015 Rev 2
logo
VBsemi Electronics Co.,...
STF6N60M2 VBSEMI-STF6N60M2 Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
More results

유사한 설명 - STF6N80K5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
   Ultra-low gate charge
November 2016 Rev 1
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
   Ultra low gate charge
logo
STMicroelectronics
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
   Ultra-low gate charge
January 2017 Rev 4
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
   Ultra-low gate charge
October 2016 Rev 1
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
   Ultra-low gate charge
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
   Ultra low gate charge
July 2014 Rev 2
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
   Ultra low gate charge
October 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com