전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCE937 데이터시트(PDF) 7 Page - Texas Instruments

부품명 CDCE937
상세설명  Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CDCE937_17 Datasheet HTML 3Page - Texas Instruments CDCE937_17 Datasheet HTML 4Page - Texas Instruments CDCE937_17 Datasheet HTML 5Page - Texas Instruments CDCE937_17 Datasheet HTML 6Page - Texas Instruments CDCE937_17 Datasheet HTML 7Page - Texas Instruments CDCE937_17 Datasheet HTML 8Page - Texas Instruments CDCE937_17 Datasheet HTML 9Page - Texas Instruments CDCE937_17 Datasheet HTML 10Page - Texas Instruments CDCE937_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
CDCE937, CDCEL937
www.ti.com
SLAS564G – AUGUST 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE937 CDCEL937
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(2)
10000 cycles.
(3)
Jitter depends on configuration. Data is taken under the following conditions: 1-PLL is fIN = 27 MHz and Y2/3 = 27 MHz (measured at
Y2); 3-PLL is fIN = 27 MHz, Y2/3 = 27 MHz (measured at Y2), Y4/5 = 16.384 MHz, and Y6/7 = 74.25 MHz.
(4)
The tsk(o) specification is only valid for equal loading of each bank of outputs, and outputs are generated from the same divider; data
taking on rising edge (tr).
(5)
odc depends on output rise and fall time (tr/tf).
(6)
SDA and SCL pins are 3.3-V tolerant.
tjit(cc)
Cycle-to-cycle jitter(2)(3)
1 PLL switching, Y2-to-Y3
60
90
ps
3 PLL switching, Y2-to-Y7
100
150
tjit(per)
Peak-to-peak period jitter(3)
1 PLL switching, Y2-to-Y3
70
100
ps
3 PLL switching, Y2-to-Y7
120
180
tsk(o)
Output skew(4) (see Table 2)
fOUT = 50 MHz, Y1-to-Y3
60
ps
fOUT = 50 MHz, Y2-to-Y5
160
odc
Output duty cycle(5)
fVCO = 100 MHz, Pdiv = 1
45%
55%
CDCE937 – LVCMOS FOR Vddout = 2.5 V
VOH
LVCMOS high-level output voltage
Vddout = 2.3 V, IOH = –0.1 mA
2.2
V
Vddout = 2.3 V, IOH = –6 mA
1.7
Vddout = 2.3 V, IOH = –10 mA
1.6
VOL
LVCMOS low-level output voltage
Vddout = 2.3 V, IOL = 0.1 mA
0.1
V
Vddout = 2.3 V, IOL = 6 mA
0.5
Vddout = 2.3 V, IOL = 10 mA
0.7
tPLH, tPHL
Propagation delay
All PLL bypass
3.4
ns
tr/tf
Rise and fall time
Vddout = 2.5 V (20%–80%)
0.8
ns
tjit(cc)
Cycle-to-cycle jitter(2)(3)
1 PLL switching, Y2-to-Y3
60
90
ps
3 PLL switching, Y2-to-Y7
100
150
tjit(per)
Peak-to-peak period jitter(4)
1 PLL switching, Y2-to-Y3
70
100
ps
3 PLL switching, Y2-to-Y7
120
180
tsk(o)
Output skew(4)
(see Table 2)
fOUT = 50 MHz, Y1-to-Y3
60
ps
fOUT = 50 MHz, Y2-to-Y5
160
odc
Output duty cycle(5)
f(VCO) = 100 MHz, Pdiv = 1
45%
55%
CDCEL937 – LVCMOS FOR Vddout = 1.8 V
VOH
LVCMOS high-level output voltage
Vddout = 1.7 V, IOH = –0.1 mA
1.6
V
Vddout = 1.7 V, IOH = –4 mA
1.4
Vddout = 1.7 V, IOH = –8 mA
1.1
VOL
LVCMOS low-level output voltage
Vddout = 1.7 V, IOL = 0.1 mA
0.1
V
Vddout = 1.7 V, IOL = 4 mA
0.3
Vddout = 1.7 V, IOL = 8 mA
0.6
tPLH, tPHL
Propagation delay
All PLL bypass
2.6
ns
tr/tf
Rise and fall time
Vddout= 1.8 V (20%–80%)
0.7
ns
tjit(cc)
Cycle-to-cycle jitter(2)(3)
1 PLL switching, Y2-to-Y3
70
120
ps
3 PLL switching, Y2-to-Y7
100
150
tjit(per)
Peak-to-peak period jitter(3)
1 PLL switching, Y2-to-Y3
90
140
ps
3 PLL switching, Y2-to-Y7
120
190
tsk(o)
Output skew(4)
(see Table 2)
fOUT = 50 MHz, Y1-to-Y3
60
ps
fOUT = 50 MHz, Y2-to-Y5
160
odc
Output duty cycle(5)
f(VCO) = 100 MHz, Pdiv = 1
45%
55%
SDA AND SCL
VIK
SCL and SDA input clamp voltage
VDD = 1.7 V; II = –18 mA
–1.2
V
IIH
SCL and SDA input current
VI = VDD; VDD = 1.9 V
±10
µA
VIH
SDA/SCL input high voltage(6)
0.7 × VDD
V
VIL
SDA/SCL input low voltage(6)
0.3 × VDD
V


유사한 부품 번호 - CDCE937_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
More results

유사한 설명 - CDCE937_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
logo
Cypress Semiconductor
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
logo
Alliance Semiconductor ...
ASM3P2508SP ALSC-ASM3P2508SP Datasheet
303Kb / 7P
   Clock Synthesizer and Frequency Generator with Peak EMI reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com