전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCE937 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCE937
상세설명  Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 2Page - Texas Instruments CDCE937 Datasheet HTML 3Page - Texas Instruments CDCE937 Datasheet HTML 4Page - Texas Instruments CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments CDCE937 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
CDCE937, CDCEL937
SLAS564G – AUGUST 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE937 CDCEL937
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
MIN
NOM
MAX
UNIT
CL
On-chip load capacitance at Xin and Xout
0
20
pF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
CDCE937,
CDCEL937
UNIT
PW (TSSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
89.04
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.33
°C/W
RθJB
Junction-to-board thermal resistance
54.6
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
48.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W
(1)
All typical values are at respective nominal VDD.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
IDD
Supply current (see Figure 1)
All outputs off, f(CLK) = 27 MHz,
f(VCO) = 135 MHz
All PLLS on
29
mA
Per PLL
9
IDDOUT
Output supply current
(see Figure 2 and Figure 3)
No load, all outputs on,
fOUT = 27 MHz
CDCE937,
VDDOUT = 3.3 V
3.1
mA
CDCEL937,
VDDOUT = 1.8 V
1.5
IDD(PD)
Power-down current
Every circuit powered down except SDA/SCL,
fIN = 0 MHz, VDD = 1.9 V
50
µA
V(PUC)
Supply voltage Vdd threshold for power-
up control circuit
0.85
1.45
V
f(VCO)
VCO frequency range of PLL
80
230
MHz
fOUT
LVCMOS output frequency
Vddout = 3.3 V
230
MHz
Vddout = 1.8 V
230
LVCMOS PARAMETER
VIK
LVCMOS input voltage
VDD = 1.7 V, II = –18 mA
–1.2
V
II
LVCMOS Input current
VI = 0 V or VDD, VDD = 1.9 V
±5
µA
IIH
LVCMOS Input current for S0/S1/S2
VI = VDD, VDD = 1.9 V
5
µA
IIL
LVCMOS Input current for S0/S1/S2
VI = 0 V, VDD = 1.9 V
–4
µA
CI
Input capacitance at Xin/Clk
VI(Clk) = 0 V or VDD
6
pF
Input capacitance at Xout
VI(Xout) = 0 V or VDD
2
Input capacitance at S0/S1/S2
VIS = 0 V or VDD
3
CDCE937 – LVCMOS FOR Vddout = 3.3 V
VOH
LVCMOS high-level output voltage
Vddout = 3 V, IOH = –0.1 mA
2.9
V
Vddout = 3 V, IOH = –8 mA
2.4
Vddout = 3 V, IOH = –12 mA
2.2
VOL
LVCMOS low-level output voltage
Vddout = 3 V, IOL = 0.1 mA
0.1
V
Vddout = 3 V, IOL = 8 mA
0.5
Vddout = 3 V, IOL = 12 mA
0.8
tPLH, tPHL
Propagation delay
All PLL bypass
3.2
ns
tr/tf
Rise and fall time
Vddout = 3.3 V (20%–80%)
0.6
ns


유사한 부품 번호 - CDCE937

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCE937 TI-CDCE937 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937 TI1-CDCE937 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results

유사한 설명 - CDCE937

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
logo
Cypress Semiconductor
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
logo
Alliance Semiconductor ...
ASM3P2508SP ALSC-ASM3P2508SP Datasheet
303Kb / 7P
   Clock Synthesizer and Frequency Generator with Peak EMI reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com