전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA25C1024 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 SA25C1024
상세설명  1Mb EEPROM SPI with 10MHz and Low Standby
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SA25C1024 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SA25C1024 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C1024 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C1024 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C1024 Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C1024 Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C1024 Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25C1024 Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25C1024 Datasheet HTML 13Page - List of Unclassifed Manufacturers SA25C1024 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SA25C1024 Data Sheet
SAIFUN
10
Functional Description
Figure 4 presents a schematic diagram of
the SPI serial interface.
SI
SO
CS
SCK
SI
SO
CS
SCK
SI
SO
CS
SCK
SI
SO
CS
SCK
DATA OUT
DATA IN
SERIAL CLOCK
SSO
SS1
SS2
SS3
MASTER:
MICROCONTROLLER
SLAVE:
SA25C1024
Figure 4. SPI Serial Interface
The SA25C1024's SPI consists of an 8-bit
instruction register that decodes a specific
instruction to be executed. Six different
instructions
(called
opcodes)
are
incorporated in the device for various
operations. Table 5 lists the instructions set
and the format for proper operation. All
opcodes, array addresses and data are
transferred
in
an
MSB-first-LSB-last
fashion. Detailed information about each of
these opcodes is provided under individual
instruction descriptions in the sections that
follow.
Table 5. Instruction Set
Instruction
Name
Instruction
Format
Operation
WREN
0000X110
Set Write Enable Latch
WRDI
0000X100
Reset Write Enable
Latch
RDSR
0000X101
Read Status Register
WRSR
0000X001
Write Status Register
READ
0000X011
Read Data from
Memory Array
WRITE
0000X010
Write Data to Memory
Array
In addition to the instruction register, the
device also contains an 8-bit status register
that can be accessed by RDSR and WRSR
instructions. The byte defines the Block
Write Protection (BP1 and BP0) levels,
Write Enable (WEN) status, Busy/Rdy
(/RDY) status and Hardware Write Protect
(WPBEN) status of the device. Table 6
illustrates the format of the status register.
Table 6. Status Register Format
Bit 7
Bit 6 Bit 5 Bit 4 Bit 3
Bit 2
Bit1 Bit 0
WPBEN
X
X
X
BP1 BP0 WEN /RDY
Write Enable (WREN)
The device powers up in the Write Disable
state when VCC is applied. All programming
instructions must be preceded by a WREN
instruction.
Write Disable (WRDI)
To protect the device against inadvertent
writes, the WRDI instruction disables all
programming
modes.
The
WRDI
instruction is independent of the WP pin's
status.


유사한 부품 번호 - SA25C1024

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLF ETC-SA25C020LEMLF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFF ETC-SA25C020LEMLFF Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFFX ETC-SA25C020LEMLFFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
SA25C020LEMLFX ETC-SA25C020LEMLFX Datasheet
504Kb / 31P
   2Mb EEPROM with 25MHz SPI Bus Interface
More results

유사한 설명 - SA25C1024

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SA25C512 ETC-SA25C512 Datasheet
1Mb / 19P
   512Kb EEPROM SPI with 10MHz and Low Standby
logo
Everspin Technologies I...
MR25H10 EVERSPIN-MR25H10 Datasheet
1Mb / 20P
   1Mb Serial SPI MRAM
Rev. 9.5 3/2018
logo
STMicroelectronics
AN970 STMICROELECTRONICS-AN970 Datasheet
69Kb / 10P
   SPI COMMUNICATION BETWEEN ST7 AND EEPROM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
   CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
   CPU Supervisor with 32Kbit SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com