전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP100NF04 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STP100NF04
상세설명  AEC-Q101 qualified
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP100NF04 데이터시트(HTML) 5 Page - STMicroelectronics

  STP100NF04 Datasheet HTML 1Page - STMicroelectronics STP100NF04 Datasheet HTML 2Page - STMicroelectronics STP100NF04 Datasheet HTML 3Page - STMicroelectronics STP100NF04 Datasheet HTML 4Page - STMicroelectronics STP100NF04 Datasheet HTML 5Page - STMicroelectronics STP100NF04 Datasheet HTML 6Page - STMicroelectronics STP100NF04 Datasheet HTML 7Page - STMicroelectronics STP100NF04 Datasheet HTML 8Page - STMicroelectronics STP100NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STB100NF04T4, STP100NF04
Electrical characteristics
DocID9969 Rev 7
5/20
Table 6: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
120
A
ISDM(1)
Source-drain current (pulsed)
-
480
A
VSD(2)
Forward on voltage
ISD = 120 A, VGS = 0 V
-
1.3
V
tr
Reverse recovery time
ISD = 120 A, VDD = 20 V,
di/dt = 100 A/
μs V, Tj =
150 °C
(see Figure 22: "Test
circuit for inductive load
switching and diode
recovery times")
-
75
-
ns
td(off)
Reverse recovery charge
-
185
-
nC
tf
Reverse recovery current
-
5
-
A
Notes:
(1)Pulse width limited by safe operating area.
(2)Pulsed: Pulse duration = 300 μs, duty cycle 1.5%


유사한 부품 번호 - STP100NF04

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
logo
VBsemi Electronics Co.,...
STP100NF04 VBSEMI-STP100NF04 Datasheet
970Kb / 7P
   N-Channel 40-V (D-S) MOSFET
logo
STMicroelectronics
STP100NF04L STMICROELECTRONICS-STP100NF04L Datasheet
268Kb / 8P
   N-CHANNEL 40V - 0.0036 ohm - 100A TO-220 STripFET??II POWER MOSFET
More results

유사한 설명 - STP100NF04

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Rohm
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
Alpha & Omega Semicondu...
AOBS30B65LN AOSMD-AOBS30B65LN Datasheet
488Kb / 7P
   650V, 30A Alpha IGBTTM AEC-Q101 Qualified
Rev.4.0: March 2020
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com