전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AMW006-EW2 데이터시트(HTML) 3 Page - Silicon Laboratories

부품명 AMW006-EW2
상세내용  Embedded Wi-Fi Networking Solutions
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo 

AMW006-EW2 데이터시트(HTML) 3 Page - Silicon Laboratories

 
Zoom Inzoom in Zoom Outzoom out
/ 32 page
 3 / 32 page
background image
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | ii
AMW006 / AMW106 Data Sheet
Embedded Wi-Fi Networking Solution
Features
 Self-contained ultra-low power Wi-Fi module with
microcontroller and secure TCP network stack.
 Integrated SPI-serial flash for software upgrades
and user accessible read/write file system
Wi-Fi
 Broadcom single band 2.4GHz IEEE 802.11b/g/n 1x1
Wi-Fi transceiver
 Includes support for all Wi-Fi security modes includ-
ing Open, WEP, WPA, and WPA2-PSK
Microprocessor
 ARM Cortex® M4 based microprocessor
 AMW006: operates up to 84MHz core frequency
 AMW106: operates up to 100MHz core frequency
RAM
 AMW006: 96 KB
 AMW106: 128 KB
Interfaces*
 UART: 2 x 4-wire up to 10.5Mbit/s
 SPI : SPI-Master (42Mbit/s), SPI-Slave (21Mbit/s)
 GPIO: Up to 21 GPIOs (overlaid with peripherals)
 A/D converter: 9 channel input, 12-bit resolution,
2.4MSPS sampling in single-shot or scan mode
 PWM: Up to 14 PWM outputs
 Wake-up: Wake pin for ultra-low power operation
 Two external antennas for diversity and improved
range
*Some interfaces share module pins
Operational & Radio
 Single operating voltage : 3.3V (typical)
 All I/O pins are +5V tolerant
 Operational Temperature Range: -30°C to +85°C
 Size : 20.3 x 15.2 x 2.7mm (0.80” x 0.60” x 0.11”)
 Weight : 0.07 oz (2g)
 Current consumption @ 3.3V, 25°C
-
VBAT : 0.97µA (with 32k RTC)
-
Standby : 2.8µA (3.8uA with 32k RTC)
-
Stop : 10µA with RAM retention (113µs wake)
-
Wi-Fi Powersave : 0.77mA (DTIM = 3)
-
Active receive : 5.7mA @ 1Mbit/s UDP
 Active transmit : 11.4mA @ 1Mbit/s UDP
 Maximum RF transmit power
-
802.11b/g : +18 dBm
-
802.11n : +14 dBm
 Minimum Receive sensitivity
-
802.11b/g : -94 dBm
-
802.11n : -86 dBm
 Sustained TCP throughput : 10 Mbit/s
Applications
 Industrial, M2M and Home Automation
-
Environmental monitoring
-
Energy monitoring
-
Wireless sensing, remote data logging
-
HVAC, power, light, & thermostat control
-
Appliance control
 Security
-
Cameras, Doors/Window monitoring
-
Alarms, Smoke Detectors
-
Door and entry control
 Health & Fitness
-
Fitness Equipment
-
Home health monitoring e.g. weight scales
 Consumer
-
Audio, Toys, Robots


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn