전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STFI13N80K5 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STFI13N80K5
상세설명  N-channel 800 V, 0.37 ??typ.,12 A MDmesh??K5 Power MOSFET in an I짼PAKFP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI13N80K5 데이터시트(HTML) 1 Page - STMicroelectronics

  STFI13N80K5 Datasheet HTML 1Page - STMicroelectronics STFI13N80K5 Datasheet HTML 2Page - STMicroelectronics STFI13N80K5 Datasheet HTML 3Page - STMicroelectronics STFI13N80K5 Datasheet HTML 4Page - STMicroelectronics STFI13N80K5 Datasheet HTML 5Page - STMicroelectronics STFI13N80K5 Datasheet HTML 6Page - STMicroelectronics STFI13N80K5 Datasheet HTML 7Page - STMicroelectronics STFI13N80K5 Datasheet HTML 8Page - STMicroelectronics STFI13N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
December 2014
DocID027200 Rev 2
1/13
13
STFI13N80K5
N-channel 800 V, 0.37
Ω typ.,12 A MDmesh™ K5
Power MOSFET in an I²PAKFP package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
Fully insulated and low profile package with
increased creepage path from pin to heatsink
plate
• Industry’s lowest RDS(on) x area
• Industry’s best figure of merit (FoM)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This very high voltage N-channel Power MOSFET
is designed using MDmesh™ K5 technology
based on an innovative proprietary vertical
structure. The result is a dramatic reduction in on-
resistance and ultra-low gate charge for
applications requiring superior power density and
high efficiency.
1 2
3
I2PAKFP
D(2)
G(1)
S(3)
AM01476v1
Order code
VDS
RDS(on)
ID
PTOT
STFI13N80K5 800 V
0.45
12 A
35 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STFI13N80K5
13N80K5
I²PAKFP (TO-281)
Tube
www.st.com


유사한 부품 번호 - STFI13N80K5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STFI13N60M2 STMICROELECTRONICS-STFI13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STFI13N65M2 STMICROELECTRONICS-STFI13N65M2 Datasheet
570Kb / 15P
   Zener-protected
December 2014 Rev 2
STFI13N95K3 STMICROELECTRONICS-STFI13N95K3 Datasheet
861Kb / 19P
   N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
STFI13NK60Z STMICROELECTRONICS-STFI13NK60Z Datasheet
516Kb / 13P
   N-channel 600 V, 0.48 廓, 13 A, Zener-protected SuperMESH??Power MOSFET in I짼PAKFP package
March 2012 Rev 3
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in I짼PAKFP package
May 2012 Rev 4
More results

유사한 설명 - STFI13N80K5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
STFI5N80K5 STMICROELECTRONICS-STFI5N80K5 Datasheet
723Kb / 12P
   N-channel 800 V, 1.50 廓 typ., 4 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
May 2016
STFI15N95K5 STMICROELECTRONICS-STFI15N95K5 Datasheet
754Kb / 13P
   N-channel 950 V, 0.41 廓 typ., 12 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
July 2016 Rev 1
STFU13N80K5 STMICROELECTRONICS-STFU13N80K5 Datasheet
754Kb / 13P
   N-channel 800 V, 0.37 廓 typ., 12 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
October 2015 Rev 1
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
   N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
February 2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
   N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
March 2016
STFI12N60M2 STMICROELECTRONICS-STFI12N60M2 Datasheet
380Kb / 12P
   N-channel 600 V, 0.395 廓 typ., 9 A MDmesh??M2 Power MOSFET in an I짼PAKFP package
May 2015 Rev 1
STP10LN80K5 STMICROELECTRONICS-STP10LN80K5 Datasheet
741Kb / 14P
   N-channel 800 V, 0.55 typ., 8 A MDmesh K5 Power MOSFET in a TO-220 package
STB5N80K5 STMICROELECTRONICS-STB5N80K5 Datasheet
904Kb / 15P
   N-channel 800 V, 1.50 (ohm) typ., 4 A MDmesh K5 Power MOSFET in a DPAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com