전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIF5CH60TS-L 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STGIF5CH60TS-L
상세설명  3-phase inverters for motor drives
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF5CH60TS-L 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STGIF5CH60TS-L Datasheet HTML 4Page - STMicroelectronics STGIF5CH60TS-L Datasheet HTML 5Page - STMicroelectronics STGIF5CH60TS-L Datasheet HTML 6Page - STMicroelectronics STGIF5CH60TS-L Datasheet HTML 7Page - STMicroelectronics STGIF5CH60TS-L Datasheet HTML 8Page - STMicroelectronics STGIF5CH60TS-L Datasheet HTML 9Page - STMicroelectronics STGIF5CH60TS-L Datasheet HTML 10Page - STMicroelectronics STGIF5CH60TS-L Datasheet HTML 11Page - STMicroelectronics STGIF5CH60TS-L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
STGIF5CH60TS-L
8/25
DocID026578 Rev 5
Figure 2. Switching time test circuit
Figure 3. Switching time definition
VCE
IC
IC
VIN
t
ON
t
C(ON)
VIN(ON)
10% IC 90% IC 10% VCE
(a) turn-on
(b) turn-off
t
rr
100% IC 100% IC
VIN
VCE
t
OFF
t
C(OFF)
VIN(OFF)
10%
VCE
10%
IC
AM09223V1


유사한 부품 번호 - STGIF5CH60TS-L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIF5CH60TS-LZ STMICROELECTRONICS-STGIF5CH60TS-LZ Datasheet
932Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
More results

유사한 설명 - STGIF5CH60TS-L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIB10CH60TS-L STMICROELECTRONICS-STGIB10CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
October 2016 Rev 6
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
   3-phase inverters for motor drives
July 2013 Rev 4
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
   3-phase inverters for motor drives
STGIF5CH60TS-E STMICROELECTRONICS-STGIF5CH60TS-E Datasheet
648Kb / 22P
   3-phase inverters for motor drives
STGIPS15C60 STMICROELECTRONICS-STGIPS15C60 Datasheet
611Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIF10CH60TS-L STMICROELECTRONICS-STGIF10CH60TS-L Datasheet
490Kb / 25P
   3-phase inverters for motor drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com