전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si4055-C2A-GM 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 Si4055-C2A-GM
상세설명  EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4055-C2A-GM 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button Si4055-C2A-GM Datasheet HTML 2Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 3Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 4Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 5Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 6Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 7Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 8Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 9Page - Silicon Laboratories Si4055-C2A-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Si4x55-C
6
Rev 1.0
Table 3. Receiver AC Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
RX Frequency
Range
FRX
284
350
MHz
350
525
MHz
850
960
MHz
RX Sensitivity 915 MHz
PRX-_2
(BER < 0.1%)
(2.4 kbps, GFSK, BT = 0.5,
F= 30 kHz, 114 kHz Rx BW)2
–115.0
dBm
PRX-_40
(BER < 0.1%)
(40 kbps, GFSK, BT = 0.5,
F= 25 kHz, 114 kHz Rx BW)2
–107.6
dBm
PRX-_128
(BER < 0.1%)
(128 kbps, GFSK, BT = 0.5,
F= 70 kHz, 305 kHz Rx BW)2
–103.2
dBm
PRX-_OOK (BER < 0.1%, 1 kbps, 185 kHz Rx BW,
OOK, PN15 data)2
–113.5
dBm
(BER < 0.1%, 40 kbps, 185 kHz Rx BW,
OOK, PN15 data)2
–102.7
dBm
RX Channel Bandwidth
BW
40
850
kHz
RSSI Resolution
RESRSSI
Valid from –110 dBm to –90 dBm
±0.5
dB
1-Ch Offset Selectivity2
C/I1-CH
Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1%. Interferer is CW and
desired modulated with 1.2 kbps,
F = 5.2 kHz, GFSK with BT = 0.5,
RX BW = 58 kHz
channel spacing = 100 kHz
–52
dB
2-Ch Offset Selectivity2
C/I2-CH
–56
dB
Blocking 200 kHz–1 MHz2 200KBLOCK Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1%. Interferer is CW and
desired modulated with 1.2 kbps
F = 5.2 kHz GFSK with BT = 0.5,
RX BW = 58 kHz
–56
dB
Blocking 1 MHz Offset2
1MBLOCK
–71
dB
Blocking 8 MHz Offset2
8MBLOCK
–77
dB
Image Rejection2
ImREJ
Rejection at the image frequency
IF = 468 kHz
—40—
dB
Notes:
1. All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
Conducted measurements on RF evaluation board. Specifications are dependent on frequency, matching components,
and board layout.


유사한 부품 번호 - Si4055-C2A-GM

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4056ADY VISHAY-SI4056ADY Datasheet
253Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI4056ADY-T1-GE3 VISHAY-SI4056ADY-T1-GE3 Datasheet
253Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI4056DY VISHAY-SI4056DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 21-May-12
logo
Guangdong Kexin Industr...
SI4056DY KEXIN-SI4056DY Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Vishay Telefunken
SI4056DY TFUNK-SI4056DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
More results

유사한 설명 - Si4055-C2A-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Analog Devices
ADF7024 AD-ADF7024 Datasheet
603Kb / 24P
   Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com