전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si4731-C40-GM 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 Si4731-C40-GM
상세설명  BROADCAST AM/FM RADIO RECEIVER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4731-C40-GM 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button Si4731-C40-GM Datasheet HTML 6Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 7Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 8Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 9Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 10Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 11Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 12Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 13Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Si4730/31-C40
10
Rev. 1.0
Figure 6. SPI Control Interface Write Timing Parameters
Figure 7. SPI Control Interface Read Timing Parameters
Table 7. SPI Control Interface Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.85 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
SCLK Frequency
fCLK
0—
2.5
MHz
SCLK High Time
tHIGH
25
ns
SCLK Low Time
tLOW
25
ns
SDIO Input, SEN to SCLK
Setup
tS
15
ns
SDIO Input to SCLK
Hold
tHSDIO
10
ns
SEN Input to SCLK
Hold
tHSEN
5—
ns
SCLK
to SDIO Output Valid
tCDV
Read
2
25
ns
SCLK
to SDIO Output High Z
tCDZ
Read
2
25
ns
SCLK, SEN, SDIO, Rise/Fall time
tR, tF
10
ns
Note: When selecting SPI mode, the user must ensure that a rising edge of SCLK does not occur within 300 ns before the
rising edge of RST.
SCLK
70%
30%
SEN
70%
30%
SDIO
C7
C0
70%
30%
tS
C6–C1
Control Byte In
8 Data Bytes In
D7
D6–D1
D0
tS
tHSDIO
tHIGH
tLOW
tHSEN
tF
tR
Bus
Turnaround
SCLK
70%
30%
SEN
70%
30%
SDIO 70%
30%
tHSDIO
Control Byte In
C7
C0
C6–C1
tS
tHSEN
tS
tCDZ
tCDV
16 Data Bytes Out
(SDIO or GPO1)
D7
D6–D1
D0


유사한 부품 번호 - Si4731-C40-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4731-D50 SILABS-SI4731-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4731-D50 SKYWORKS-SI4731-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
SI4731-D50-GM SKYWORKS-SI4731-D50-GM Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4731-D60 SILABS-SI4731-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
logo
Skyworks Solutions Inc.
SI4731-D60 SKYWORKS-SI4731-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results

유사한 설명 - Si4731-C40-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
   Broadcast Mechanical Tuning AM/FM Radio Receiver
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com