전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIPS20C60-H 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STGIPS20C60-H
상세설명  Undervoltage lockout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20C60-H 데이터시트(HTML) 3 Page - STMicroelectronics

  STGIPS20C60-H Datasheet HTML 1Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 2Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 3Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 4Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 5Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 6Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 7Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 8Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DocID024483 Rev 4
3/20
STGIPS20C60-H
Internal block diagram and pin configuration
20
1
Internal block diagram and pin configuration
Figure 1. Internal block diagram
AM05002v3
W
NW
P
VBOOT U
VBOOT W
OUT V
VBOOT V
OUT U
OUT W
LIN
SD/OD
VCC
GND
DT
OUT
HVG
Vboot
HIN
LVG
CP+
LIN
SD/OD
VCC
GND
DT
OUT
HVG
Vboot
HIN
LVG
CP+
Pin 16
Pin 1
P
P
Pin 17
Pin 25
GND
LIN-U
HIN-V
LIN-V
HIN-W
HIN-U
LIN-W
CIN
VCC
NU
NV
U
V
LIN
SD/OD
VCC
GND
DT
OUT
HVG
Vboot
HIN
LVG
CP+
SD/OD


유사한 부품 번호 - STGIPS20C60-H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS20C60 STMICROELECTRONICS-STGIPS20C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
More results

유사한 설명 - STGIPS20C60-H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
   Undervoltage lockout
April 2015 Rev 3
logo
International Rectifier
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
   Undervoltage lockout for all channels
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
STMicroelectronics
EV-VND7050AJ STMICROELECTRONICS-EV-VND7050AJ Datasheet
438Kb / 7P
   Undervoltage shutdown
July 2014 Rev 2
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com