전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5933DC 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI5933DC
상세설명  Dual P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5933DC 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI5933DC Datasheet HTML 1Page - Vishay Siliconix SI5933DC Datasheet HTML 2Page - Vishay Siliconix SI5933DC Datasheet HTML 3Page - Vishay Siliconix SI5933DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si5933DC
Vishay Siliconix
Document Number: 71238
S-21251—Rev. B, 05-Aug-02
www.vishay.com
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.6
0.8
1.0
1.2
1.4
1.6
--50
--25
0
25
50
75
100
125
150
0
1
2
3
4
5
0
1234
5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
2468
10
VDS -- Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS =10 V
ID =2.7 A
ID -- Drain Current (A)
VGS =4.5 V
ID =2.7 A
VGS =2.5 V
VGS =4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg -- Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ -- Junction Temperature (_C)
0.0
0.1
0.2
0.3
0.4
0
1234
5
TJ = 150_C
ID =2.7 A
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD -- Source-to-Drain Voltage (V)
VGS -- Gate-to-Source Voltage (V)
VGS =1.8 V
0
200
400
600
800
04
8
12
16
20
TJ =25_C


유사한 부품 번호 - SI5933DC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
Si5933DC VISHAY-Si5933DC Datasheet
230Kb / 9P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. E, 19-Apr-10
SI5933DC VISHAY-SI5933DC Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
SI5933DC-T1-E3 VISHAY-SI5933DC-T1-E3 Datasheet
230Kb / 9P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. E, 19-Apr-10
SI5933DC VISHAY-SI5933DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI5933DC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com