전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVC4T245PWR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AVC4T245PWR
상세설명  Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC4T245PWR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AVC4T245PWR Datasheet HTML 1Page - Texas Instruments SN74AVC4T245PWR Datasheet HTML 2Page - Texas Instruments SN74AVC4T245PWR Datasheet HTML 3Page - Texas Instruments SN74AVC4T245PWR Datasheet HTML 4Page - Texas Instruments SN74AVC4T245PWR Datasheet HTML 5Page - Texas Instruments SN74AVC4T245PWR Datasheet HTML 6Page - Texas Instruments SN74AVC4T245PWR Datasheet HTML 7Page - Texas Instruments SN74AVC4T245PWR Datasheet HTML 8Page - Texas Instruments SN74AVC4T245PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
DIR
OE
A1
A2
B1
B2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AVC4T245
SCES576G – JUNE 2004 – REVISED NOVEMBER 2014
SN74AVC4T245 Dual-Bit Bus Transceiver with Configurable Voltage Translation
and 3-State Outputs
1 Features
3 Description
This 4-bit noninverting bus transceiver uses two
1
Control Inputs VIH/VIL Levels Are Referenced to
separate configurable power-supply rails. The A port
VCCA Voltage
is designed to track VCCA. VCCA accepts any supply
Fully Configurable Dual-Rail Design Allows Each
voltage from 1.2 V to 3.6 V. The B port is designed to
Port to Operate Over the Full 1.2-V to 3.6-V
track VCCB. VCCB accepts any supply voltage from
Power-Supply Range
1.2 V to 3.6 V. The SN74AVC4T245 is optimized to
operate with VCCA/VCCB set at 1.4 V to 3.6 V. It is
I/Os Are 4.6-V Tolerant
operational with VCCA/VCCB as low as 1.2 V. This
Ioff Supports Partial Power-Down-Mode Operation
allows
for
universal
low-voltage
bidirectional
Maximum Data Rates
translation between any of the 1.2-V, 1.5-V, 1.8-V,
2.5-V, and 3.3-V voltage nodes.
380 Mbps (1.8-V to 3.3-V Translation)
200 Mbps (< 1.8-V to 3.3-V Translation)
The
SN74AVC4T245
device
is
designed
for
asynchronous
communication
between
two
data
200 Mbps (Translate to 2.5 V or 1.8 V)
buses. The logic levels of the direction-control (DIR)
150 Mbps (Translate to 1.5 V)
input and the output-enable (OE) input activate either
100 Mbps (Translate to 1.2 V)
the B-port outputs or the A-port outputs or place both
output ports into the high-impedance mode. The
Latch-Up Performance Exceeds 100 mA Per
device transmits data from the A bus to the B bus
JESD 78, Class II
when the B-port outputs are activated, and from the B
ESD Protection Exceeds JESD 22
bus to the A bus when the A-port outputs are
8000-V Human-Body Model (A114-A)
activated. The input circuitry on both A and B ports is
always active and must have a logic HIGH or LOW
150-V Machine Model (A115-A)
level applied to prevent excess ICC and ICCZ.
1000-V Charged-Device Model (C101)
The SN74AVC4T245 device is designed so that the
2 Applications
control pins (1DIR, 2DIR, 1OE, and 2OE) are
supplied by VCCA.
Personal Electronics
This device is fully specified for partial-power-down
Industrial
applications using Ioff. The Ioff circuitry disables the
Enterprise
outputs,
preventing
damaging
current
backflow
Telecom
through the device when it is powered down.
The VCC isolation feature ensures that if either VCC
Logic Diagram (Positive Logic)
input is at GND, then both ports are in the high-
for 1/2 of SN74AVC4T245
impedance state.
To ensure the high-impedance state during power up
or power down, OE should be tied to VCC through a
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
driver.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (16)
9.90 mm x 3.91 mm
TVSOP (16)
3.60 mm x 4.40 mm
SN74AVC4T245
TSSOP (16)
5.00 mm x 4.40 mm
VQFN (16)
4.00 mm x 3.50 mm
UQFN (16)
2.60 mm x 1.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - SN74AVC4T245PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC4T245PWR TI-SN74AVC4T245PWR Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245PWR TI-SN74AVC4T245PWR Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245PWR TI-SN74AVC4T245PWR Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245PWR TI1-SN74AVC4T245PWR Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245PWRE4 TI-SN74AVC4T245PWRE4 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

유사한 설명 - SN74AVC4T245PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC4T245 TI1-SN74AVC4T245_18 Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_10 Datasheet
634Kb / 24P
[Old version datasheet]   DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com