전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGF3HF60HD 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STGF3HF60HD
상세설명  4.5 A, 600 V very fast IGBT with Ultrafast diode
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF3HF60HD 데이터시트(HTML) 3 Page - STMicroelectronics

  STGF3HF60HD Datasheet HTML 1Page - STMicroelectronics STGF3HF60HD Datasheet HTML 2Page - STMicroelectronics STGF3HF60HD Datasheet HTML 3Page - STMicroelectronics STGF3HF60HD Datasheet HTML 4Page - STMicroelectronics STGF3HF60HD Datasheet HTML 5Page - STMicroelectronics STGF3HF60HD Datasheet HTML 6Page - STMicroelectronics STGF3HF60HD Datasheet HTML 7Page - STMicroelectronics STGF3HF60HD Datasheet HTML 8Page - STMicroelectronics STGF3HF60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
STGB3HF60HD, STGD3HF60HDT4,
STGF3HF60HD, STGP3HF60HD
Electrical ratings
DocID17690 Rev 5
3/26
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
D2PAK
TO-220
TO-220FP
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC(1)
Continuous collector current at TC = 25 °C
7.5
A
IC(1)
Continuous collector current at TC = 100 °C
4.5
A
ICL(2)
Turn-off latching current
18
A
ICP(3)
Pulsed collector current
18
A
VGE
Gate-emitter voltage
± 20
V
IF
Diode RMS forward current at TC = 25 °C
10
A
IFSM
Surge non repetitive forward current tp = 10 ms
sinusoidal
25
A
PTOT
Total dissipation at TC = 25 °C
38
18
W
TSTG
Storage temperature range
- 55 to 150
°C
Tj
Operating junction temperature range
Notes:
(1)Calculated according to the iterative formula:
��������(��������) =
��������(������������)−��������
��������ℎ����−����×������������(������������)(������������)(��������(������������),��������(��������))
(2)Vclamp = 80 %, (VCES), Tj = 150 °C, RG = 10 Ω, VGE = 15 V.
(3)Pulse width limited by maximum junction temperature range.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
DPAK
D2PAK
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case IGBT
3.3
6.9
°C/W
Thermal resistance junction-case diode
5
8
°C/W
Rthj-amb
Thermal resistance junction-ambient
100
62.5
°C/W


유사한 부품 번호 - STGF3HF60HD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGF30H60DF STMICROELECTRONICS-STGF30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGF30M65DF2 STMICROELECTRONICS-STGF30M65DF2 Datasheet
731Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
April 2017
STGF30NC60S STMICROELECTRONICS-STGF30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGF35HF60W STMICROELECTRONICS-STGF35HF60W Datasheet
639Kb / 17P
   35 A, 600 V Ultrafast IGBT
July 2012 Rev 3
STGF3NB60FD STMICROELECTRONICS-STGF3NB60FD Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
More results

유사한 설명 - STGF3HF60HD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
December 2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
   31 A, 600 V, very fast IGBT with Ultrafast diode
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
   N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
Rev 10 June 2012
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
   20 A, 600 V fast IGBT with Ultrafast diode
November 2010 Rev 4
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
   17 A, 600 V fast IGBT with Ultrafast diode
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
   7 A, 1200 V very fast IGBT with ultrafast diode
January 2011 Rev 4
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com