전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF2820R 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 UF2820R
상세설명  RF Power MOSFET Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

UF2820R 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  UF2820R_17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. UF2820R_17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. UF2820R_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. UF2820R_17 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Power MOSFET Transistor
20W, 100-500 MHz, 28V
Rev. V1
UF2820R
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
N-channel enhancement mode device
DMOS structure
Lower capacitances for broadband operation
High saturated output power
Lower noise figure than competitive devices
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Symbol
Units
Drain-Source Voltage
65
VDS
V
Gate-Source Voltage
20
VGS
V
Drain-Source Current
4
IDS
A
Power Dissipation
61
PD
W
Junction Temperature
200
TJ
°C
Storage Temperature
-55 to 150
TSTG
°C
Thermal Resistance
2.86
θJC
°C/W
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
65
-
V
VGS = 0.0 V , IDS = 5.0 mA
Drain-Source Leakage Current
IDSS
-
1.0
mA
VGS = 28.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
1.0
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
6.0
V
VDS = 10.0 V , IDS = 100.0 mA
Forward Transconductance
GM
.500
-
S
VDS = 10.0 V , IDS 1000.0 mA , Δ VGS = 1.0V, 80 μs Pulse
Input Capacitance
CISS
-
45
pF
VDS = 28.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
30
pF
VDS = 28.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
8
pF
VDS = 28.0 V , F = 1.0 MHz
Power Gain
GP
10
-
dB
VDD = 28.0 V, IDQ = 100.0 mA, POUT = 20.0 W F =500 MHz
Drain Efficiency
ŋD
50
-
%
VDD = 28.0 V, IDQ = 100.0 mA, POUT = 20.0 W F =500 MHz
Load Mismatch Tolerance
VSWR-T
-
20:1
-
VDD = 28.0 V, IDQ = 100.0 mA, POUT = 20.0 W F =500 MHz
F (MHz)
ZIN (Ω)
ZLOAD (Ω)
100
8.0-j16.0
12.0+j6.0
300
5.5-j8.0
9.3+j6.0
500
4.0-j3.8
4.5+j4.5
VDD=28V, IDQ=100 mA, POUT =20.0 W
TYPICAL DEVICE IMPEDANCES
ZIN is the series equivalent input impedance of the device from
gate to source.
ZLOAD is the optimum series equivalent load impedance as
measured from drain to ground.
Package Outline


유사한 부품 번호 - UF2820R_17

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
UF2820R MA-COM-UF2820R_15 Datasheet
221Kb / 3P
   RF Power MOSFET Transistor
More results

유사한 설명 - UF2820R_17

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
DU28200M MA-COM-DU28200M Datasheet
156Kb / 3P
   RF Power MOSFET Transistor
DU2840S MA-COM-DU2840S Datasheet
164Kb / 3P
   RF Power MOSFET Transistor
DU2860U MA-COM-DU2860U Datasheet
149Kb / 3P
   RF Power MOSFET Transistor
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor
UF2805B-20 MA-COM-UF2805B-20 Datasheet
213Kb / 3P
   RF Power MOSFET Transistor
UF2840G MA-COM-UF2840G_17 Datasheet
663Kb / 4P
   RF Power MOSFET Transistor
UF28150J MA-COM-UF28150J_17 Datasheet
731Kb / 4P
   RF Power MOSFET Transistor
UF2820P MA-COM-UF2820P_17 Datasheet
620Kb / 4P
   RF Power MOSFET Transistor
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor
DU2860T MA-COM-DU2860T Datasheet
161Kb / 3P
   RF Power MOSFET Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com