전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW35NC60WD 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STGW35NC60WD
상세설명  40 A, 600 V ultra fast IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NC60WD 데이터시트(HTML) 3 Page - STMicroelectronics

  STGW35NC60WD Datasheet HTML 1Page - STMicroelectronics STGW35NC60WD Datasheet HTML 2Page - STMicroelectronics STGW35NC60WD Datasheet HTML 3Page - STMicroelectronics STGW35NC60WD Datasheet HTML 4Page - STMicroelectronics STGW35NC60WD Datasheet HTML 5Page - STMicroelectronics STGW35NC60WD Datasheet HTML 6Page - STMicroelectronics STGW35NC60WD Datasheet HTML 7Page - STMicroelectronics STGW35NC60WD Datasheet HTML 8Page - STMicroelectronics STGW35NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STGW35NC60WD
Electrical ratings
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at 25 °C
70
A
IC
(1)
Collector current (continuous) at 100 °C
40
A
ICP
(2)
2.
Pulse width limited by max junction temperature
Collector current (pulsed)
150
A
ICL
(3)
3.
VCLAMP = 80% (VCES), VGE = 15 V, RG = 10 Ω, TJ = 150 °C
Turn-off latching current
150
A
VGE
Gate-emitter voltage
± 20
V
IF
Diode RMS forward current at TC = 25 °C
30
A
IFSM
Surge not repetitive forward current tp= 10 ms sinusoidal
120
A
PTOT
Total dissipation at TC = 25 °C
260
W
Tstg
Storage temperature
– 55 to 150
°C
Tj
Operating junction temperature
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case IGBT max.
0.48
°C/W
Thermal resistance junction-case diode max.
1.5
°C/W
Rthj-amb
Thermal resistance junction-ambient max.
50
°C/W
I
C TC
()
T
jmax
()
T
C
R
thj
c
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=


유사한 부품 번호 - STGW35NC60WD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
   35 A - 1200 V - very fast IGBT
More results

유사한 설명 - STGW35NC60WD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
   40 A - 600 V - ultra fast IGBT
July 2008 Rev 1
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
   30 A - 600 V - ultra fast IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_V01 Datasheet
545Kb / 14P
   30 A, 600 V ultra fast IGBT
Rev 5 November 2008
STGW45HF60WD STMICROELECTRONICS-STGW45HF60WD Datasheet
468Kb / 12P
   45 A, 600 V ultra fast IGBT
April 2010 Rev 3
STGW45NC60WD STMICROELECTRONICS-STGW45NC60WD Datasheet
336Kb / 14P
   45 A - 600 V ultra fast IGBT
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com