전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW40H60DLFB 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STGW40H60DLFB
상세설명  Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40H60DLFB 데이터시트(HTML) 5 Page - STMicroelectronics

  STGW40H60DLFB Datasheet HTML 1Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 2Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 3Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 4Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 5Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 6Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 7Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 8Page - STMicroelectronics STGW40H60DLFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID024370 Rev 4
5/17
STGW40H60DLFB, STGWT40H60DLFB
Electrical characteristics
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off delay time
VCE = 400 V, IC = 40 A,
RG = 10 Ω, VGE = 15 V, see
Figure 25
142
ns
tf
Current fall time
-
27.6
-
ns
Eoff
(1)
1.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
363
-
µJ
td(off)
Turn-off delay time
VCE = 400 V, IC = 40 A,
RG = 10 Ω, VGE = 15 V,
TJ = 175 °C, see Figure 25
141
ns
tf
Current fall time
-
61
-
ns
Eoff
(1)
Turn-off switching losses
-
764
-
µJ
Table 7. IGBT switching characteristics (capacitive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eoff
(1)
1.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
VCC = 320 V, RG = 10 Ω,
IC = 40 A, L = 100 µH,
Csnub = 20 nF, see Figure 26
-190
-
µJ
VCC = 320 V, RG = 10 Ω,
IC = 40 A, L = 100 µH,
Csnub = 20 nF, TJ = 175 °C,
see Figure 26
-290
-


유사한 부품 번호 - STGW40H60DLFB

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
DS9533 - Rev 9 - June 2019
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
June 2019
STGW40H65FB STMICROELECTRONICS-STGW40H65FB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
March 2017 Rev 7
More results

유사한 설명 - STGW40H60DLFB

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
November 2016 Rev 3
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
February 2014 Rev 3
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGFW40H65FB STMICROELECTRONICS-STGFW40H65FB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
March 2017 Rev 7
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
DS9533 - Rev 9 - June 2019
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
June 2019
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
   Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com