전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW80H65DFB-4 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STGW80H65DFB-4
상세설명  Tight parameter distribution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80H65DFB-4 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STGW80H65DFB-4 Datasheet HTML 3Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 4Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 5Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 6Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 7Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 8Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 9Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 10Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STGW80H65DFB-4
Electrical characteristics
DocID028076 Rev 3
7/16
2.1
Electrical characteristics (curves)
Figure 2: Power dissipation vs. case temperature
Figure 3: Collector current vs. case temperature
Figure 4: Output characteristics (TJ = 25 °C)
Figure 5: Output characteristics (TJ = 175 °C)
Figure 6: VCE(sat) vs. junction temperature
Figure 7: VCE(sat) vs. collector current
100
0
0
TC(°C)
P
TOT
(W)
100
200
50
300
150
400
GIPD160920130948FSR
V
GE = 15 V, TJ = 175 °C
IC
60
40
20
0
0
25
TC(°C)
(A)
100
80
50
75
100
120
125 150
VGE = 15 V, TJ = 175 °C
GIPD160920130941FSR


유사한 부품 번호 - STGW80H65DFB-4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
978Kb / 18P
   High speed switching series
November 2016 Rev 8
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
1Mb / 22P
   Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
More results

유사한 설명 - STGW80H65DFB-4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
   very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Belden Inc.
FI1D006P9 BELDEN-FI1D006P9 Datasheet
217Kb / 2P
   Indoor Plenum OM1 Distribution Tight Buffer 6 Fibers
0.48
FI3D006P9 BELDEN-FI3D006P9 Datasheet
218Kb / 2P
   Indoor Plenum OM3 Distribution Tight Buffer 6 Fibers
0.176
logo
International Rectifier
IRG4RC10UTRPBF IRF-IRG4RC10UTRPBF Datasheet
654Kb / 10P
   Generation 4 IGBT design provides tighter parameter distribution and higher effciency than previous generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com