์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TA07-11EWA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - List of Unclassifed Manufacturers

๋ถ€ํ’ˆ๋ช… TA07-11EWA
์ƒ์„ธ๋‚ด์šฉ  18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ETC [List of Unclassifed Manufacturers]
ํ™ˆํŽ˜์ด์ง€  
Logo 

TA07-11EWA ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 1 / 5 page
background image
SPEC NO: CDA0874
REV NO: V.1
DATE: NOV/18/2001
PAGE: 1 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
18mm (0.7 INCH) SINGLE COLOR DOT
MATRIX DISPLAYS
TA07-11EWA/GWA/YWA/SRWA
TC07-11EWA/GWA/YWA/SRWA
Description
The High Efficiency Red source color devices are made with
GalliumArsenidePhosphideonGalliumPhosphideOrangeLight
EmittingDiode.
The Green source color devices are made with Gallium Phosphide
GreenLightEmittingDiode.
The Yellow source color devices are made with Gallium Arsenide
PhosphideonGalliumPhosphideYellowLightEmittingDiode.
The Super Bright Red source color devices are made with Gallium
Aluminum Arsenide Red Light Emitting Diode.
Features
!
0.7 INCH MATRIX HEIGHT.
!
DOT SIZE 2mm.
!
LOW CURRENT OPERATION.
!
COMPATIBLE WITH ASCII AND EBCDIC CODES.
!
STACKABLE VERTICALLY AND HORIZONTALLY.
!
COLUMN CATHODE AND COLUMN ANODE
AVAILABLE.
!
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
!
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!
MECHANICALLY RUGGED.
!
STANDARD: GRAY FACE, WHITE DOT.
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ยฑ0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn