전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA20-11 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 TA20-11
상세설명  50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TA20-11 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  TA20-11 Datasheet HTML 1Page - List of Unclassifed Manufacturers TA20-11 Datasheet HTML 2Page - List of Unclassifed Manufacturers TA20-11 Datasheet HTML 3Page - List of Unclassifed Manufacturers TA20-11 Datasheet HTML 4Page - List of Unclassifed Manufacturers TA20-11 Datasheet HTML 5Page - List of Unclassifed Manufacturers TA20-11 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: CDA0879
REV NO: V.1
DATE: NOV/18/2001
PAGE: 3 OF 6
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Selection Guide
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subjec to change whitout notice.
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
D
)
d
c
u
(
v
I)
d
c
u
(
v
I
)
d
c
u
(
v
I
)
d
c
u
(
v
I)
d
c
u
(
v
I
A
m
0
1
@
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
A
W
E
1
1
-
0
2
A
T
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H0
0
7
40
0
0
2
1
e
d
o
n
A
n
m
u
l
o
C
A
W
E
1
1
-
0
2
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
G
1
1
-
0
2
A
T
)
P
a
G
(
N
E
E
R
G0
0
7
40
0
0
6
1
e
d
o
n
A
n
m
u
l
o
C
A
W
G
1
1
-
0
2
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
Y
1
1
-
0
2
A
T
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y0
0
0
30
0
0
8
e
d
o
n
A
n
m
u
l
o
C
A
W
Y
1
1
-
0
2
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
R
S
1
1
-
0
2
A
T
)
s
A
l
A
a
G
(
D
E
R
T
H
G
I
R
B
R
E
P
U
S0
0
0
2
10
0
0
6
2
e
d
o
n
A
n
m
u
l
o
C
A
W
R
S
1
1
-
0
2
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
G
E
1
1
-
0
2
A
B
T
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
)
P
a
G
(
N
E
E
R
G
0
0
7
40
0
0
2
1e
d
o
n
A
n
m
u
l
o
C
A
W
G
E
1
1
-
0
2
C
B
T
0
0
7
40
0
0
6
1e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
G
E
2
1
-
0
2
A
B
T
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
)
P
a
G
(
N
E
E
R
G
0
0
7
40
0
0
2
1e
d
o
n
A
n
m
u
l
o
C
A
W
G
E
2
1
-
0
2
C
B
T
0
0
7
40
0
0
6
1e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
G
E
2
2
-
0
2
A
B
T
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
)
P
a
G
(
N
E
E
R
G
0
0
7
40
0
0
2
1e
d
o
n
A
n
m
u
l
o
C
A
W
G
E
2
2
-
0
2
C
B
T
0
0
7
40
0
0
6
1e
d
o
h
t
a
C
n
m
u
l
o
C


유사한 부품 번호 - TA20-11

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
TA20-11CGKWA KINGBRIGHT-TA20-11CGKWA Datasheet
341Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SURKWA KINGBRIGHT-TA20-11SURKWA Datasheet
342Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
More results

유사한 설명 - TA20-11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Epson Company
C-5570H EPSON-C-5570H Datasheet
95Kb / 1P
   2.0 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com