전자부품 데이터시트 검색엔진 |
|
Q1553-3 데이터시트(PDF) 2 Page - Pulse A Technitrol Company |
|
Q1553-3 데이터시트(HTML) 2 Page - Pulse A Technitrol Company |
2 / 3 page M224.B (11/14) 2 pulseelectronics.com MIL-STD-1553 Transformers Dual Ratio THT QPL Pulse Transformers Line Level Military Pulse Package Height Terminals Ratio RDC Impedance Designation No. Part No. (in. MAX) (±3%) ( Ω MAX) ( Ω MIN) 1 C M21038/27-01C QC1553-1 1-3:4-8 1CT:1CT 1-3 3.0 (1-3) 2 M M21038/27-01 Q1553-1 A .250 1-3:5-7 1CT:.707CT 4-8 3.0 4,000 3 T M21038/27-01T QT1553-1 4 C M21038/27-02C QC1553-2 1-3:4-8 1.4CT:1CT 1-3 3.5 (1-3) 5 M M21038/27-02 Q1553-2 A .250 1-3:5-7 2CT:1CT 4-8 3.0 7,200 6 T M21038/27-02T QT1553-2 7 C M21038/27-03C QC1553-3 1-3:4-8 1.25CT:1CT 1-3 3.2 (1-3) 8 M M21038/27-03 Q1553-3 A .250 1-3:5-7 1.66CT:1CT 4-8 3.0 4,000 9 T M21038/27-03T QT1553-3 10 C M21038/27-10C QC1553-5* 1-3:4-8 1CT:2.12CT 1-3 1.0 (4-8) 11 M M21038/27-10 Q1553-5* A .250 1-3:5-7 1CT:1.5CT 4-8 3.5 4,000 12 T M21038/27-10T QT1553-5* 13 C M21038/27-21C QC1553-81 1-3:4-8 1CT:1CT 1-3 3.0 (1-3) 14 M M21038/27-21 Q1553-81 G .275 1-3:5-7 1CT:.707CT 4-8 3.0 4,000 15 T M21038/27-21T QT1553-81 16 C M21038/27-22C QC1553-82 1-3:4-8 1.4CT:1CT 1-3 3.5 (1-3) 17 M M21038/27-22 Q1553-82 G .275 1-3:5-7 2CT:1CT 4-8 3.0 7,200 18 T M21038/27-22T QT1553-82 19 C M21038/27-23C QC1553-83 1-3:4-8 1.25CT:1CT 1-3 3.2 (1-3) 20 M M21038/27-23 Q1553-83 G .275 1-3:5-7 1.66CT:1CT 4-8 3.0 4,000 21 T M21038/27-23T QT1553-83 22 C M21038/27-24C QC1553-84* 1-3:4-8 1CT:2.12CT 1-3 1.0 (4-8) 23 M M21038/27-24 Q1553-84* G .275 1-3:5-7 1CT:1.5CT 4-8 3.5 4,000 24 T M21038/27-24T QT1553-84* 25 C M21038/27-25C QC1553-85* 1-3:4-8 1CT:2.50CT 1-3 1.0 (4-8) 26 M M21038/27-25 Q1553-85* G .275 1-3:5-7 1CT:1.79CT 4-8 3.5 4,000 27 T M21038/27-25T QT1553-85* 28 C M21038/27-26C QC1553-45* 1-3:4-8 1CT:2.50CT 1-3 1.0 (4-8) 29 M M21038/27-26 Q1553-45* A .250 1-3:5-7 1CT:1.79CT 4-8 3.5 4,000 30 T M21038/27-26T QT1553-45* Characteristics *NOTE: Designed for transceivers utilizing a single supply voltage (+5V). |
유사한 부품 번호 - Q1553-3 |
|
유사한 설명 - Q1553-3 |