전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV320AIC3262 데이터시트(PDF) 33 Page - Texas Instruments

부품명 TLV320AIC3262
상세설명  Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262 데이터시트(HTML) 33 Page - Texas Instruments

Back Button TLV320AIC3262_17 Datasheet HTML 29Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 30Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 31Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 32Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 33Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 34Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 35Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 36Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
SPI_SELECT
IN1R/AUX2
IN2R
IN3R
IN3L
IN4L
IN2L
IN1L/AUX1
DRC
AGC
DRC
t
PR
t
PL
AGC
Audio
Interface
Ref
MICBIAS
VREF_AUDIO
LOL
LOR
–36...0dB
–36...0dB
MICBIAS_EXT
PLL
VBAT
VREF_SAR
+
+
–12, –6, 0dB
–12, –6, 0dB
MICDET
Detection
Mic
Bias
Charge
Pump
Primary
Audio Interface
Secondary
Audio IF
Interrupt
Ctrl
Digital
Mic.
SPI / I C
Control Block
2
Low Freq
Clocking
B0395;04
;12, ;6, 0dB
)
ADC
Signal
Proc.
DAC
Signal
Proc.
DAC
Signal
Proc.
ADC
Signal
Proc.
miniDSP
ASRC
Dig Mixer
Volume
miniDSP
Dig Mixer
Volume
Right
ADC
Left
ADC
SAR
ADC
Right
DAC
Left
DAC
0>47.5dB
(0.5;dB Steps)
0>47.5dB
(0.5;dB Steps)
)
–12, –6, 0dB
–12, –6, 0dB
–12, –6, 0dB
–12, –6, 0dB
–6 dB
Tertiary
Audio IF
IN4R
–6 dB
Supplies
LOL
LOR
;78...0dB
;78...0dB
MAL
MAR
;6dB
;6dB
LOL
;78...0dB
;78...0dB
;78...0dB
;78...0dB
RECP
RECM
;6...29dB
(1;dB Steps
;6...14dB
(1;dB Steps
HPL
HPR
;78...0dB
;78...0dB
HPVSS_SENSE
6...30dB
SPKLM
SPKLP
(6;dB Steps)
6...30dB
SPKRM
SPKRP
(6;dB Steps)
)
;6...14dB
(1;dB Steps
;12, ;6, 0dB
TEMP
VBAT
IN1R/AUX2
IN1L/AUX1
TEMP
SENSOR
RESET
Vol. Ctrl.
LOR
Pin Muxing / Clock Routing
IN1L
IN1R
SPR_IN
SPR_IN
Vol. Ctrl.
Int.
Ref.
in Adj.
Ga
in Adj.
Ga
TLV320AIC3262
www.ti.com
SLAS679A – DECEMBER 2011 – REVISED SEPTEMBER 2015
10.2 Functional Block Diagram
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TLV320AIC3262


유사한 부품 번호 - TLV320AIC3262_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_15 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
More results

유사한 설명 - TLV320AIC3262_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com