전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV320AIC3262 데이터시트(PDF) 63 Page - Texas Instruments

부품명 TLV320AIC3262
상세설명  Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262 데이터시트(HTML) 63 Page - Texas Instruments

Back Button TLV320AIC3262_17 Datasheet HTML 59Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 60Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 61Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 62Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 63Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 64Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 65Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 66Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
TLV320AIC3262
www.ti.com
SLAS679A – DECEMBER 2011 – REVISED SEPTEMBER 2015
Register Maps (continued)
Table 13. Summary of Register Maps (continued)
DECIMAL
HEX
DESCRIPTION
BOOK NO.
PAGE NO.
REG NO.
BOOK NO.
PAGE NO.
REG NO.
ADC DC Measurement Control
0
0
102
0x00
0x00
0x66
Register 1
ADC DC Measurement Control
0
0
103
0x00
0x00
0x67
Register 2
Left Channel DC Measurement
0
0
104
0x00
0x00
0x68
Output Register 1 (MSB Byte)
Left Channel DC Measurement
0
0
105
0x00
0x00
0x69
Output Register 2 (Middle Byte)
Left Channel DC Measurement
0
0
106
0x00
0x00
0x6A
Output Register 3 (LSB Byte)
Right Channel DC Measurement
0
0
107
0x00
0x00
0x6B
Output Register 1 (MSB Byte)
Right Channel DC Measurement
0
0
108
0x00
0x00
0x6C
Output Register 2 (Middle Byte)
Right Channel DC Measurement
0
0
109
0x00
0x00
0x6D
Output Register 3 (LSB Byte)
0
0
110-114
0x00
0x00
0x6E-0x72
Reserved Registers
I2C Interface Miscellaneous
0
0
115
0x00
0x00
0x73
Control
0
0
116-118
0x00
0x00
0x74-0x76
Reserved Registers
miniDSP Control Register 1,
0
0
119
0x00
0x00
0x77
Register Access Control
miniDSP Control Register 2,
0
0
120
0x00
0x00
0x78
Register Access Control
miniDSP Control Register 3,
0
0
121
0x00
0x00
0x79
Register Access Control
0
0
122-126
0x00
0x00
0x7A-0x7E
Reserved Registers
0
0
127
0x00
0x00
0x7F
Book Selection Register
0
1
0
0x00
0x01
0x00
Page Select Register
0
1
1
0x00
0x01
0x01
Power Configuration Register
0
1
2
0x00
0x01
0x02
Reserved Register
Left DAC PowerTune
0
1
3
0x00
0x01
0x03
Configuration Register
Right DAC PowerTune
0
1
4
0x00
0x01
0x04
Configuration Register
0
1
5-7
0x00
0x01
0x05-0x07
Reserved Registers
0
1
8
0x00
0x01
0x08
Common Mode Register
Headphone Output Driver
0
1
9
0x00
0x01
0x09
Control
0
1
10
0x00
0x01
0x0A
Reserved
Headphone Output Driver De-
0
1
11
0x00
0x01
0x0B
pop Control
0
1
12
0x00
0x01
0x0C
Reserved
0
1
13-16
0x00
0x01
0x0D-0x10
Reserved Registers
0
1
17
0x00
0x01
0x11
Mixer Amplifier Control
Left ADC PGA to Left Mixer
0
1
18
0x00
0x01
0x12
Amplifier (MAL) Volume Control
Right ADC PGA to Right Mixer
0
1
19
0x00
0x01
0x13
Amplifier (MAR) Volume Control
0
1
20-21
0x00
0x01
0x14-0x15
Reserved Registers
0
1
22
0x00
0x01
0x16
Lineout Amplifier Control 1
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: TLV320AIC3262


유사한 부품 번호 - TLV320AIC3262_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_15 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
More results

유사한 설명 - TLV320AIC3262_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com