전자부품 데이터시트 검색엔진 |
|
TMP006BIYZFR 데이터시트(PDF) 6 Page - Texas Instruments |
|
TMP006BIYZFR 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 38 page TMP006, TMP006B SBOS518E – MAY 2011 – REVISED APRIL 2015 www.ti.com 7.5 Electrical Characteristics At TDIE = +25°C, V+ = 3.3 V, and conversion time = 1 second, unless otherwise specified. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT OUTPUT ERROR TDIE = 0°C to +60°C, V+ = 2.2 V to 5.5 V ±0.5 ±1 °C Die temperature sensor TDIE = –40°C to +125°C, V+ = 2.2 V to 5.5 V ±0.5 ±1.5 °C PSRR Power-supply rejection ratio 0.1 °C/V TDIE = +20°C to +60°C, Calculate object temperature(1) ±1 ±3 °C TOBJ – TDIE = –10°C to +30°C Field of view 50% responsivity 90 Degrees TEMPERATURE MEASUREMENT CR2 = 0, CR1 = 0, CR0 = 0 0.25 Seconds CR2 = 0, CR1 = 0, CR0 = 1 0.5 Seconds Conversion time CR2 = 0, CR1 = 1, CR0 = 0 1 Seconds CR2 = 0, CR1 = 1, CR0 = 1 2 Seconds CR2 = 1, CR1 = 0, CR0 = 0 4 Seconds Die temperature sensor 0.03125 °C Resolution Thermopile sensor resolution 156.25 nV SMBus COMPATIBLE INTERFACE TMP006 only 2.1 V VIH Logic input high voltage (SCL, SDA) TMP006B only 1.4 V TMP006 only 0.8 V VIL Logic input low voltage (SCL, SDA) TMP006B only 0.4 V Hysteresis 100 mV VOL Output low voltage (SDA) IOUT = 6 mA 0.15 0.4 V Output low sink current (SDA) 6 mA Logic input current Forced to 0.4 V –1 +1 µA Input capacitance (SCL, SDA, A0, A1) 3 pF Clock frequency 0.001 3.4 MHz Interface timeout 25 30 35 ms DIGITAL OUTPUTS VOL Output low voltage (DRDY) IOUT = 4 mA 0.15 0.4 V IOH High-level output leakage current VOUT = VDD 0.1 1 µA Output low sink current (DRDY) Forced to 0.4 V 4 mA POWER SUPPLY VS Specified voltage range TDIE = –40°C to +125°C 2.2 5.5 V POR Power-on reset TDIE = –40°C to +125°C 1.6 V Continuous conversion; see Table 7 240 325 µA Serial bus inactive, shutdown mode, TMP006 0.5 1.0 µA only IQ Quiescent current Serial bus inactive, shutdown mode, TMP006B 1.5 5.0 µA only Serial bus active, fS = 400 kHz, 90 µA shutdown mode (1) This parameter is tested in a fully-settled setup with no transients, in front of an ideal black body, with specified layout constraints, and after system calibration. 6 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: TMP006 TMP006B |
유사한 부품 번호 - TMP006BIYZFR |
|
유사한 설명 - TMP006BIYZFR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |