전자부품 데이터시트 검색엔진 |
|
TMP006BIYZFT 데이터시트(PDF) 3 Page - Texas Instruments |
|
TMP006BIYZFT 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 38 page TMP006, TMP006B www.ti.com SBOS518E – MAY 2011 – REVISED APRIL 2015 • Changed text related to object temperature measurement in first paragraph of Overview section ....................................... 8 • Changed Table 3 .................................................................................................................................................................. 15 • Changed all VOBJECT to VSENSOR throughout datasheet......................................................................................................... 19 • Deleted Pointer Register section .......................................................................................................................................... 19 • Changed Sensor Voltage Register name to Sensor Voltage Result Register .................................................................... 19 • Changed TAMBIENT to TDIE throughout data sheet ................................................................................................................. 19 Changes from Revision B (February 2012) to Revision C Page • Added TMP006B device to data sheet................................................................................................................................... 1 • Changed Package Information table to include new TMP006B device with the TMP006, and show the different voltage for the two devices ..................................................................................................................................................... 4 Changes from Revision A (July 2011) to Revision B Page • Changed Output Error, Calculate object temperature parameter test conditions in Electrical Characteristics table ............. 6 • Changed description of device ID to 0067h in Manufacturer and Device ID Registers section........................................... 20 • Changed FFh, Reset value bits D2, D1, and D0 values in Figure 18 .................................................................................. 20 • Changed Figure 23 .............................................................................................................................................................. 28 • Changed Figure 24 ............................................................................................................................................................... 29 • Changed Figure 25 ............................................................................................................................................................... 30 Changes from Original (May, 2011) to Revision A Page • Added specifications for ambient temperature sensor parameter over 0°C to +60°C ........................................................... 6 • Revised Table 4.................................................................................................................................................................... 16 Copyright © 2011–2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: TMP006 TMP006B |
유사한 부품 번호 - TMP006BIYZFT |
|
유사한 설명 - TMP006BIYZFT |