전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP006BIYZFT 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TMP006BIYZFT
상세설명  Infrared Thermopile Sensor in Chip-Scale Package
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006BIYZFT 데이터시트(HTML) 1 Page - Texas Instruments

  TMP006BIYZFT Datasheet HTML 1Page - Texas Instruments TMP006BIYZFT Datasheet HTML 2Page - Texas Instruments TMP006BIYZFT Datasheet HTML 3Page - Texas Instruments TMP006BIYZFT Datasheet HTML 4Page - Texas Instruments TMP006BIYZFT Datasheet HTML 5Page - Texas Instruments TMP006BIYZFT Datasheet HTML 6Page - Texas Instruments TMP006BIYZFT Datasheet HTML 7Page - Texas Instruments TMP006BIYZFT Datasheet HTML 8Page - Texas Instruments TMP006BIYZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
16-Bit
$
ADC
Gain
Die
Temperature
IR
Thermopile
Sensor
Voltage
Reference
Sensor
Amplifier
Digital
Control
Two-Wire
Interface
DRDY
ADR0
ADR1
SCL
SDA
V+
AGND
DGND
TMP006
TMP006B
Thot
Tcold
Thot
Thot
Thot
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP006, TMP006B
SBOS518E – MAY 2011 – REVISED APRIL 2015
TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
1 Features
3 Description
The TMP006 and TMP006B are fully integrated
1
Integrated MEMs Thermopile for Noncontact
MEMs
thermopile
sensors
that
measure
the
Temperature Sensing
temperature of an object without having to be in direct
Local Temperature Sensor for Cold Junction
contact. The thermopile absorbs passive infrared
Reference
energy from an object at wavelengths between 4 um
to 16 um within the end-user defined field of view.
±1°C (max) from 0°C to 60°C
±1.5°C (max) from –40°C to +125°C
The corresponding change in voltage across the
thermopile is digitized and reported with the on-chip
Two-Wire Serial Interface Options:
die thermal sensor measurement through an I2C- and
I2C and SMBus Compatible
SMBus-compatible interface. With this data, the
TMP006 at 3.3 V
target object temperature can be calculated by an
external processor.
TMP006B at 1.8 V
Eight Programmable Addresses
The TMP007 is an enhanced version of the TMP006
or TMP006B. The TMP007 combines all the features
Low Power
of the TMP006 and TMP006B with an additional math
Supply: 2.2 V to 5.5 V
engine to perform all of the equations on chip,
Active Current: 240
μA (typ)
allowing the target object temperature to be read
directly from the device. The TMP007 also provides
1-µA shutdown (max)
built-in nonvolatile memory for storing calibration
Compact Package
coefficients.
1.6-mm × 1.6-mm × 0.625-mm DSBGA
The Infrared thermopile sensor is specified to operate
from –40°C to +125°C. It is possible to measure an
2 Applications
object temperature beyond the device operating
Noncontact Temperature Sensing
range as long as the device itself does not exceed
the operating temperature range (–40°C to +125°C).
Case Temperature
Laser Printers
Device Information(1)
Power Relays
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Health and Beauty
TMP006
DSBGA (8)
1.60 mm × 1.60 mm
HVAC Comfort Optimization
TMP006B
Gas Concentration
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Flame Detection
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - TMP006BIYZFT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP006BIYZFT TI1-TMP006BIYZFT Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

유사한 설명 - TMP006BIYZFT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com