전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2012N 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TA2012N
상세설명  3V AM / FM IF MPX (For Digital Tuning System)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2012N 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TA2012N Datasheet HTML 6Page - Toshiba Semiconductor TA2012N Datasheet HTML 7Page - Toshiba Semiconductor TA2012N Datasheet HTML 8Page - Toshiba Semiconductor TA2012N Datasheet HTML 9Page - Toshiba Semiconductor TA2012N Datasheet HTML 10Page - Toshiba Semiconductor TA2012N Datasheet HTML 11Page - Toshiba Semiconductor TA2012N Datasheet HTML 12Page - Toshiba Semiconductor TA2012N Datasheet HTML 13Page - Toshiba Semiconductor TA2012N Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
10
8. FM / AM switch and forced monaural switch
FM / AM switch over and stere / forced monaural switch over are done by
internal PNP transistors ON / OFF which are connected to pin(16) and pin
(17) respectively.
The threshold voltages of these PNP transistors are Vth = VCC, and for
switching, we recommend to use mechanical switch.
(Direct short to VCC line.)
In the case of the electrical switch over by transistor, set up VCE
(saturation voltage between collector and emitter) 50mV or less, otherwise
there are some cases that it does not become the AM mode and force
monaural mode.
When these external switches are ON, the currents which flow into pin(16)
and pin(17) are 100µA and 20µA respectively. (Typical value at VCC = 3V)
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
8
V
LED current
ILED
10
mA
LED voltage
VLED
8
V
TA8132AN
1200
Power dissipation
TA8132AF
PD (Note)
400
mW
Operating Temperature
Topr
-25~75
°C
Storage temperature
Tstg
-55~150
°C
(Note): Derated above 25°C in the proportion of 9.6mW / °C for TA8132AN, TA2012N and
of 3.2mW / °C for TA8132AF, TA2012F.


유사한 부품 번호 - TA2012N

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
TA201216 POWEREX-TA201216 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA20121603DH POWEREX-TA20121603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
TA201218 POWEREX-TA201218 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
More results

유사한 설명 - TA2012N

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
692Kb / 20P
   3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
KEC(Korea Electronics)
KIA2057N KEC-KIA2057N Datasheet
170Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF MPX FOR DIGITAL TUNING SYSTEM)
logo
Toshiba Semiconductor
TA2057N TOSHIBA-TA2057N Datasheet
602Kb / 18P
   AM/FM IFFM ST DET (FOR DIGITAL TUNING SYSTEM)
TA2099N TOSHIBA-TA2099N Datasheet
697Kb / 19P
   AM/FM IFFM STEREO DETECTOR (FOR DIGITAL TUNING SYSTEM)
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
   3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
Toshiba Semiconductor
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
   AM/FM IFMPX
TA7757P TOSHIBA-TA7757P Datasheet
607Kb / 9P
   FM/AM IF SYSTEM (3V USE)
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com