전자부품 데이터시트 검색엔진 |
|
TC9457F 데이터시트(PDF) 8 Page - Toshiba Semiconductor |
|
TC9457F 데이터시트(HTML) 8 Page - Toshiba Semiconductor |
8 / 15 page TC9457F 2002-10-21 8 Pin No. Symbol Pin Name Function And Operation Remarks 74 SEL APC circuit on/off signal output pin. When laser is on, this pin goes to a high-impedance state when UHS = low and outputs a high when UHS = high. ― 77 XVSS ― 80 XVDD CD's crystal oscillator power supply pins. Normally, connect these pins to the power supply lines that are used in common for the VDD and VSS pins. ― 78 XI ― 79 XO CD's crystal oscillator input/output pins. Normally, connect 16.9344 MHz here. This clock is used as the system clock for the CD. After a system reset, it also is used as the system clock on the controller side. Therefore, all of the CD power supplies must be fed with power after a reset. ― 81 DVSR R-channel DA converter unit ground pin. ― 82 RO R-channel data forward output pin. ― 83 DVRR R-channel reference voltage pin. ― 84 DVDD DA converter unit power supply pin. ― 85 DVRL L-channel reference voltage pin. ― 86 LO L-channel data forward output pin. ― 87 DVSL L-channel DA converter unit ground pin. ― 88, 89 NC CD control input/outputs NC pins. Normally, connect these pins to ground or leave them open. Pin 89 serves dual purposes as the Vpp pin of an E 2 PROM product. Therefore, when this pin is left open, it can be shared with an E 2 PROM product. ― 90 RESET Reset input Device's system reset signal input pin. The device remains reset while RESET is held low and when RESET is released back high, the CD unit becomes operational and the program starts from address 0. Normally, a system reset is asserted when a voltage of 2.7 V or more is applied to VDD when it is at 0 V (power-on reset). Therefore, this pin must be pulled high when used for this purpose. ― 91 HOLD Hold mode control input This pin is used to input a signal that requests or clears the hold mode. Normally, use this pin for CD mode select signal input or battery detection signal input. There are two hold modes : clock stop mode (crystal oscillator turned off) and a wait mode (CPU stopped). These modes are entered by executing the CKSTP and WAIT instructions, respectively. The clock stop mode can be requested by a programmed input: low level detection on HOLD pin or forced execution, and can be cleared by detecting a high on the HOLD pin or a change of state in its input signal. When the CKSTP instruction is executed, the clock generator and the CPU stop operating and the device is placed in a memory backup state. During this state, the device's current consumption is reduced to 1µA or less. At the same time, the display output and CMOS output ports are automatically set low, and the Nch open-drain outputs are turned off. The wait mode is executed regardless of the input state on the HOLD pin, with the device's current consumption reduced. In this mode, the user can choose to keep only the crystal oscillator operating or have the CPU paused by programming. If the former is selected, all display outputs are set low and other pins retain their state ; if the latter is selected, all states are retained except that the CPU is temporarily stopped. This mode is cleared by a change of state in the HOLD input. ― |
유사한 부품 번호 - TC9457F |
|
유사한 설명 - TC9457F |