전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP100N6F7 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STP100N6F7
상세설명  High avalanche ruggedness
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP100N6F7 데이터시트(HTML) 5 Page - STMicroelectronics

  STP100N6F7 Datasheet HTML 1Page - STMicroelectronics STP100N6F7 Datasheet HTML 2Page - STMicroelectronics STP100N6F7 Datasheet HTML 3Page - STMicroelectronics STP100N6F7 Datasheet HTML 4Page - STMicroelectronics STP100N6F7 Datasheet HTML 5Page - STMicroelectronics STP100N6F7 Datasheet HTML 6Page - STMicroelectronics STP100N6F7 Datasheet HTML 7Page - STMicroelectronics STP100N6F7 Datasheet HTML 8Page - STMicroelectronics STP100N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID027212 Rev 2
5/13
STP100N6F7
Electrical characteristics
13
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
1.
Pulse test: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
VGS = 0 V, ISD = 100A
-
1.2
V
trr
Reverse recovery time
ISD = 100 A, di/dt = 100 A/µs,
VDD = 48 V
-
48.4
ns
Qrr
Reverse recovery charge
-
47
nC
IRRM
Reverse recovery current
-
2.0
A


유사한 부품 번호 - STP100N6F7

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
STP100N6F7 ISC-STP100N6F7 Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - STP100N6F7

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com