전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9269BCPZRL7-20 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD9269BCPZRL7-20
상세설명  16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9269BCPZRL7-20 데이터시트(HTML) 1 Page - Analog Devices

  AD9269BCPZRL7-20 Datasheet HTML 1Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 2Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 3Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 4Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 5Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 6Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 7Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 8Page - Analog Devices AD9269BCPZRL7-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
16-Bit, 20/40/65/80 MSPS,
1.8 V Dual Analog-to-Digital Converter
Data Sheet
AD9269
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V analog supply operation
1.8 V to 3.3 V output supply
Integrated quadrature error correction (QEC)
SNR
77.6 dBFS at 9.7 MHz input
71 dBFS at 200 MHz input
SFDR
93 dBc at 9.7 MHz input
80 dBc at 200 MHz input
Low power
44 mW per channel at 20 MSPS
100 mW per channel at 80 MSPS
Differential input with 700 MHz bandwidth
On-chip voltage reference and sample-and-hold circuit
2 V p-p differential analog input
DNL = −0.5/+1.1 LSB
Serial port control options
Offset binary, gray code, or twos complement data format
Optional clock duty cycle stabilizer (DCS)
Integer 1-to-6 input clock divider
Data output multiplex option
Built-in selectable digital test pattern generation
Energy-saving power-down modes
Data clock output (DCO) with programmable clock and
data alignment
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
Battery-powered instruments
Handheld scope meters
Portable medical imaging
Ultrasound
Radar/LIDAR
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VREF
SENSE
VCM
RBIAS
VIN–B
VIN+B
ORA
D0A
D15A
DCOA
DRVDD
ORB
D15B
D0B
DCOB
SDIO
GND
AVDD
SCLK
SPI
QUADRATURE
ERROR
CORRECTION
PROGRAMMING DATA
PDWN DFS
CLK+ CLK–
MODE
CONTROLS
DCS
DUTY CYCLE
STABILIZER
SYNC
DIVIDE
1 TO 6
OEB
CSB
REF
SELECT
ADC
ADC
AD9269
Figure 1.
PRODUCT HIGHLIGHTS
1. The AD9269 operates from a single 1.8 V analog power
supply and features a separate digital output driver supply
to accommodate 1.8 V to 3.3 V logic families.
2. The patented sample-and-hold circuit maintains excellent
performance for input frequencies up to 200 MHz and is
designed for low cost, low power, and ease of use.
3. An optional SPI selectable dc correction and quadrature
error correction (QEC) feature corrects for dc offset, gain,
and phase mismatches between the two channels.
4. A standard serial port interface (SPI) supports various
product features and functions, such as data output format-
ting, internal clock divider, power-down, DCO/data timing
and offset adjustments, and voltage reference modes.
5. The AD9269 is packaged in a 64-lead RoHS-compliant
LFCSP that is pin compatible with the AD9268 16-bit
ADC, the AD9258 14-bit ADC, the AD9251 14-bit ADC
the AD9231 12-bit ADC, the AD6659 12-bit baseband
diversity receiver, and the AD9204 10-bit ADC, enabling a
simple migration path between 10-bit and 16-bit converters
sampling from 20 MSPS to 125 MSPS.


유사한 부품 번호 - AD9269BCPZRL7-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9269BCPZRL7-20 AD-AD9269BCPZRL7-20 Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

유사한 설명 - AD9269BCPZRL7-20

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9269 AD-AD9269 Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com