전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM8147BCIS0 데이터시트(PDF) 9 Page - Texas Instruments

부품명 DM8147BCIS0
상세설명  DaVinci Video Processors
Download  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DM8147BCIS0 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DM8147BCIS0 Datasheet HTML 5Page - Texas Instruments DM8147BCIS0 Datasheet HTML 6Page - Texas Instruments DM8147BCIS0 Datasheet HTML 7Page - Texas Instruments DM8147BCIS0 Datasheet HTML 8Page - Texas Instruments DM8147BCIS0 Datasheet HTML 9Page - Texas Instruments DM8147BCIS0 Datasheet HTML 10Page - Texas Instruments DM8147BCIS0 Datasheet HTML 11Page - Texas Instruments DM8147BCIS0 Datasheet HTML 12Page - Texas Instruments DM8147BCIS0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 4.3, Pin Multiplexing Control:
Updated/Changed bit 18 from "RSV" to "RXACTIVE"
Table 4-11, PINCNTL1 – PINCNTL270 (PINCNTLx) Registers Bit Descriptions:
Updated/Changed the MUXMODE[7:0] Description from "Values other than those ..." to "A value
of zero results ..."
Updated/Changed bit 18 description to now support RXACTIVE
Section 4
Device Configurations
Table 4-13, PINCNTLx Registers MUXMODE Functions:
Updated/Changed PINCNTL173 row under 0x20 from "UART2_TXD(M1)" to "UART2_TXD(M0)"
Updated/Changed PINCNTL231 under 0x80 from "GP3[30](M0)" to "GP3[30](M1)"
Section 4.4, Handling Unused Pins:
Added "Unless otherwise noted" to the beginning of, "All supply pins must always ..."
Section 6.1, Absolute Maximum Ratings:
Deleted the "V I/O...(Transient Overshoot/Undershoot)" rows of Input and Output voltage ranges
Section 6
Added Latch-Up Performance row and Latch-Up footnotes
Device Operating
Updated/Changed ESD-HBM footnote to "Level listed is passing level per ANSI/ESDA/JEDEC J5-
Conditions
001..."
Updated/Changed ESD-CDM footnote to "Level listed is passing level per EIA-JEDEC JESD22-
C101E..."
Section 6.3, Power on Hours (POH):
Added Power-On Hour (POH) section [New]
Section 7.2.2.1
Table 7-5, Supported OPP Combinations:
Dynamic Voltage
Frequency Scaling
Deleted lower-end OPP combinations supported for ARM, DSP, and HDVICP2
(DVFS)
Table 7-6 , Power-Up Sequence Ramping Values:
Added NO. 1 MIN value of "0" ms.
Updated/Changed NO. 1 description to "1.8 V and DVDD_DDR[x] supplies stable..."
Section 7.2.8.1
Added NO. 13, "CVDD variable supply ramp...."
Power-Up Sequence
Updated/Changed Figure 7-1 according to table changes
Deleted 3.3 V Supplies Rising Before 1.8 V Supplies Delta Figure (was Figure 7.2) and associated
footnote references
Deleted footnote, "The 3.3 V supplies must be..."
Section 7.2.8.2, Power-Down Sequence:
Added, "Ramping down all supplies at the same time...For proper device..." paragraph
Table 7-7, Power-Down Sequence Ramping Values:
Updated/Changed "The 1.5-/1.8-V DVDD_DDR[x]..." footnote
Updated/Changed figure reference to Figure 7-3
Section 7.2.8.2
Added NO. 14, "CVDD_x variable supplies ramp-down..."
Power-Down Sequence
Added associated footnote, "CVDD_x must never exceed CVDD by more than 150mV"
Figure 7-2, Power-Down Sequence:
Updated/Changed figure according to table changes
Figure 7-3,1.8 V Supplies Falling Before 3.3 V Supplies Delta:
Added figure [New]
Copyright © 2011–2013, Texas Instruments Incorporated
Contents
9
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147


유사한 부품 번호 - DM8147BCIS0

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DM8108 ETC1-DM8108 Datasheet
371Kb / 35P
   8 port 10/100M Fast Ethernet Switching Controller
logo
National Semiconductor ...
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
   6-Bit Unified Bus Comparator
logo
Fairchild Semiconductor
DM81LS95 FAIRCHILD-DM81LS95 Datasheet
71Kb / 7P
   3-STATE Octal Buffer
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
   3-STATE Octal Buffer
logo
National Semiconductor ...
DM81LS95A NSC-DM81LS95A Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
More results

유사한 설명 - DM8147BCIS0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8127 TI1-TMS320DM8127_14 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8168 TI1-TMS320DM8168_13 Datasheet
2Mb / 327P
[Old version datasheet]   TMS320DM816x DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com