전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2016D2YZHR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2016D2YZHR
상세설명  2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2016D2YZHR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA2016D2YZHR Datasheet HTML 5Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 6Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 7Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 8Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 9Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 10Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 11Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 12Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
PO − Output Power − W
0.01
0.1
1
3
100
1
0.1
0.01
G010
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
10
VSupply = 3.6 V
VSupply = 5 V
PO − OutputPower − W
0.01
0.1
1
3
100
1
0.1
0.01
10
VDD =2.5V
VDD =3.6V
VDD =5V
Gain=6dB
R =4
+33 H
QFNOnly
L
W
m
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G009
Gain = 6 dB
RL = 8 Ω + 33 µH
VSupply = 5 V
1
10k
PO = 0.5 W
PO = 0.1 W
PO = 1 W
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G011
Gain = 6 dB
RL = 8 Ω + 33 µH
Right Channel
20
100
1k
20k
10k
VCC = 3.6 V
VCC = 2.5 V
VCC = 5 V
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G008
Gain = 6 dB
RL = 8 Ω + 33 µH
VSupply = 3.6 V
1
10k
PO = 0.25 W
PO = 0.5 W
PO = 0.05 W
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−70
−50
−30
−10
10
G007
Compression Ratio = 1:1
Compression Ratio = 2:1
Compression Ratio = 4:1
Compression Ratio = 8:1
Limiter Level = 9 dBV
RL = 8 Ω + 33 µH
VSupply = 5 V
Fixed Gain = 0 dB
Max Gain = 30 dB
9
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
with C(DECOUPLE) = 1 μF, CI = 1 µF.
Figure 9. Output Level vs Input Level
Figure 10. Total Harmonic Distortion + Noise vs Frequency
Figure 11. Total Harmonic Distortion + Noise vs Frequency
Figure 12. Supply Ripple Rejection Ratio
Figure 13. Total Harmonic Distortion + Noise vs Output
Power
Figure 14. Total Harmonic Distortion + Noise vs Output
Power


유사한 부품 번호 - TPA2016D2YZHR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2016D2YZHR TI-TPA2016D2YZHR Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2YZHR TI1-TPA2016D2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
More results

유사한 설명 - TPA2016D2YZHR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
Fangtek Ltd.
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
   2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
   7.4W Class F, with automatic gain control audio amplifier
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com