전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3007D1 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPA3007D1
상세설명  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3007D1 데이터시트(HTML) 3 Page - Texas Instruments

  TPA3007D1_17 Datasheet HTML 1Page - Texas Instruments TPA3007D1_17 Datasheet HTML 2Page - Texas Instruments TPA3007D1_17 Datasheet HTML 3Page - Texas Instruments TPA3007D1_17 Datasheet HTML 4Page - Texas Instruments TPA3007D1_17 Datasheet HTML 5Page - Texas Instruments TPA3007D1_17 Datasheet HTML 6Page - Texas Instruments TPA3007D1_17 Datasheet HTML 7Page - Texas Instruments TPA3007D1_17 Datasheet HTML 8Page - Texas Instruments TPA3007D1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
Gate
Drive
_
+
Gate
Drive
_
+
_
+
_
+
Gain
Adjust
Gain
Adjust
Start-Up
Protection
Logic
Short-Circuit
Detect
Thermal
VCC OK
Ramp
Generator
Biases
and
References
Gain
2
AGND
VREF
VREF
PVCC
INN
OUTN
PGND
PVCC
OUTP
PGND
INP
SHUTDOWN
GAIN1
GAIN0
COSC
ROSC
BYPASS
SD
_
+
_
+
Deglitch
Logic
Deglitch
Logic
VCC
VCC
BSP
BSN
Clamp
Reference
VCLAMP
TPA3007D1
SLOS418D – SEPTEMBER 2003 – REVISED MARCH 2008
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
18, 19
Analog ground terminal
Bootstrap terminal for high-side gate drive of negative BTL output (connect a 0.22
µF
BSN
8
I
capacitor with a 51
Ω resistor in series from OUTN to BSN)
Bootstrap terminal for high-side gate drive of positive BTL output (connect a 0.22
µF
BSP
17
I
capacitor with a 51
Ω resistor in series from OUTP to BSP)
BYPASS
22
I
Connect 1
µF capacitor to ground for BYPASS voltage filtering
COSC
21
I
Connect a 220 pF capacitor to ground to set oscillation frequency
GAIN0
3
I
Bit 0 of gain control (see Table 2 for gain settings)
GAIN1
4
I
Bit 1 of gain control (see Table 2 for gain settings)
INN
1
I
Negative differential input
INP
2
I
Positive differential input
Negative BTL output, connect Schottky diode from PGND to OUTN for short-circuit
OUTN
10, 11
O
protection
OUTP
14, 15
O
Positive BTL output, connect Schottky diode from PGND to OUTP for short-circuit protection
PGND
6, 12, 13
Power ground
PVCC
9, 16
I
High-voltage power supply (for output stages)
ROSC
20
I
Connect 120 k
Ω resistor to ground to set oscillation frequency
SHUTDOWN
5
I
Shutdown terminal (active low), TTL compatible, 21-V compliant
VCC
24
I
Analog high-voltage power supply
VCLAMP
7
O
Connect 1
µF capacitor to ground to provide reference voltage for H-bridge gates
VREF
23
O
5-V internal regulator for control circuitry (connect a 0.1
µF to 1 µF capacitor to ground)
Functional Block Diagram
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA3007D1


유사한 부품 번호 - TPA3007D1_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3007D1_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1_06 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com