전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3007D1PW 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3007D1PW
상세설명  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3007D1PW 데이터시트(HTML) 2 Page - Texas Instruments

  TPA3007D1PW Datasheet HTML 1Page - Texas Instruments TPA3007D1PW Datasheet HTML 2Page - Texas Instruments TPA3007D1PW Datasheet HTML 3Page - Texas Instruments TPA3007D1PW Datasheet HTML 4Page - Texas Instruments TPA3007D1PW Datasheet HTML 5Page - Texas Instruments TPA3007D1PW Datasheet HTML 6Page - Texas Instruments TPA3007D1PW Datasheet HTML 7Page - Texas Instruments TPA3007D1PW Datasheet HTML 8Page - Texas Instruments TPA3007D1PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INN
INP
GAIN0
GAIN1
SHUTDOWN
PGND
VCLAMP
BSN
PVCC
OUTN
OUTN
PGND
VCC
VREF
BYPASS
COSC
ROSC
AGND
AGND
BSP
PVCC
OUTP
OUTP
PGND
TPA3007D1
SLOS418D – SEPTEMBER 2003 – REVISED MARCH 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
TSSOP (PW)(1)
-40
°C to 85°C
TPA3007D1PW
(1)
The PW package is available taped and reeled. To order a taped and reeled part, add the suffix R to the part number (e.g.,
TPA3007D1PWR).
LEAD (PB)-FREE AND GREEN ORDERING INFORMATION
ORDERED DEVICE
STATUS (1)
ECO-STATUS(2)
TPA3007D1PWRG4
ACTIVE
Pb-Free and Green
(1)
The marketing status values are defined as follows:
ACTIVE: This device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this
part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued production of the device.
(2)
Eco-Status information – Additional details including specific material content can be accessed at www.ti.com/leadfree
N/A: Not yet available Lead (Pb)-Free; for estimated conversion dates, go to www.ti.com/leadfree.
Pb-Free: TI defines "Lead (Pb)-Free" or "Pb-Free" to mean RoHS compatible, including a lead concentration that does not exceed 0.1%
of total product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering processes.
Green: TI defines "Green" to mean Lead (Pb)-Free and in addition, uses package materials that do not contain halogens, including
bromine (Br), or antimony (Sb) above 0.1% of total product weight.
PW PACKAGE
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA3007D1


유사한 부품 번호 - TPA3007D1PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3007D1PW TI-TPA3007D1PW Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PW TI-TPA3007D1PW Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWG4 TI-TPA3007D1PWG4 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWR TI-TPA3007D1PWR Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWR TI-TPA3007D1PWR Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3007D1PW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1_06 Datasheet
262Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com