전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6111A2 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TPA6111A2
상세설명  150-mW Stereo Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6111A2 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA6111A2_17 Datasheet HTML 6Page - Texas Instruments TPA6111A2_17 Datasheet HTML 7Page - Texas Instruments TPA6111A2_17 Datasheet HTML 8Page - Texas Instruments TPA6111A2_17 Datasheet HTML 9Page - Texas Instruments TPA6111A2_17 Datasheet HTML 10Page - Texas Instruments TPA6111A2_17 Datasheet HTML 11Page - Texas Instruments TPA6111A2_17 Datasheet HTML 12Page - Texas Instruments TPA6111A2_17 Datasheet HTML 13Page - Texas Instruments TPA6111A2_17 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
−40
−20
0
20
40
60
80
100
120
1 k
10 k
100 k
1 M
10 M
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
f − Frequency − Hz
Phase
Gain
VDD = 3.3 V
RL = 10 kΩ
−40
−20
0
20
40
60
80
100
120
1 k
10 k
100 k
1 M
10 M
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
f − Frequency − Hz
Phase
Gain
VDD = 5 V
RL = 10 kΩ
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1 k
10 k
1 M
f − Frequency − Hz
VDD = 3.3 V,
RL = 16 Ω,
CB = 1 µF
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1 k
10 k
1 M
f − Frequency − Hz
VDD = 5 V,
RL = 16 Ω,
CB = 1 µF
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 5 V,
PO = 100 mW,
CB = 1 µF,
RL = 16 Ω,
AV = −1 V/V
IN1− to VO2
IN2− to VO1
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 5 V,
PO = 150 mW,
CB = 1 µF,
RL = 8 Ω,
AV = −1 V/V
IN1− to VO2
IN2− to VO1
10
TPA6111A2
SLOS313C – DECEMBER 2000 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPA6111A2
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Figure 23. Crosstalk vs Frequency
Figure 24. Crosstalk vs Frequency
Figure 25. Shutdown Attenuation vs Frequency
Figure 26. Shutdown Attenuation vs Frequency
Figure 27. Open-Loop Gain and Phase Margin vs Frequency
Figure 28. Open-Loop Gain and Phase Margin vs Frequency


유사한 부품 번호 - TPA6111A2_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA6111A2_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com