전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L78S10C 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 L78S10C
상세설명  Short circuit protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S10C 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button L78S10C Datasheet HTML 3Page - STMicroelectronics L78S10C Datasheet HTML 4Page - STMicroelectronics L78S10C Datasheet HTML 5Page - STMicroelectronics L78S10C Datasheet HTML 6Page - STMicroelectronics L78S10C Datasheet HTML 7Page - STMicroelectronics L78S10C Datasheet HTML 8Page - STMicroelectronics L78S10C Datasheet HTML 9Page - STMicroelectronics L78S10C Datasheet HTML 10Page - STMicroelectronics L78S10C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
DocID2148 Rev 8
7/35
L78S
Maximum ratings
35
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
for VO= 5 to 18V
35
V
for VO= 24V
40
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
0 to 150
°C
Table 3. Thermal data
Symbol
Parameter
TO-220
Unit
RthJC
Thermal resistance junction-case
5
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W
Figure 4. Application circuits


유사한 부품 번호 - L78S10C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L78S10C STMICROELECTRONICS-L78S10C Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S10C STMICROELECTRONICS-L78S10C Datasheet
1Mb / 31P
   2 A positive voltage regulators
L78S10C STMICROELECTRONICS-L78S10C Datasheet
1Mb / 39P
   2 A positive voltage regulators
L78S10CT STMICROELECTRONICS-L78S10CT Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S10CT STMICROELECTRONICS-L78S10CT Datasheet
1Mb / 31P
   2 A positive voltage regulators
More results

유사한 설명 - L78S10C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
   Short circuit protection
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
   Short-circuit protection
April 2011 Rev 1
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
   SHORT CIRCUIT PROTECTION
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
   Short Circuit Protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com