전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD39115J33R 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 LD39115J33R
상세설명  150 mA guaranteed output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J33R 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button LD39115J33R Datasheet HTML 7Page - STMicroelectronics LD39115J33R Datasheet HTML 8Page - STMicroelectronics LD39115J33R Datasheet HTML 9Page - STMicroelectronics LD39115J33R Datasheet HTML 10Page - STMicroelectronics LD39115J33R Datasheet HTML 11Page - STMicroelectronics LD39115J33R Datasheet HTML 12Page - STMicroelectronics LD39115J33R Datasheet HTML 13Page - STMicroelectronics LD39115J33R Datasheet HTML 14Page - STMicroelectronics LD39115J33R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID15527 Rev 6
11/21
LD39115J
Typical performance characteristics
21
Figure 16. Quiescent current vs. temperature
(VOUT = 2.8 V, IOUT = 0.15 A)
Figure 17. Quiescent current vs. input voltage
Figure 18. Quiescent current vs. output current
Figure 19. Supply voltage rejection vs.
temperature (VOUT = 1.2 V)
V
OUT = 2.8 V
V
IN = 3.8 V, IOUT = 0.15 A
0
10
20
30
40
50
60
70
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
OUT = 2.8 V
V
IN = 3.8 V, IOUT = 0.15 A
0
10
20
30
40
50
60
70
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
OUT = 1.3 V
I
OUT = 1 mA
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
00.5
11.5
22.5
3
3.5
44.5
5
5.5
6
V
IN [V]
V
OUT = 1.3 V
I
OUT = 1 mA
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
00.5
11.5
22.5
3
3.5
44.5
5
5.5
6
V
IN [V]
V
OUT = 2.8 V
V
IN = 2.3 V
0
5
10
15
20
25
30
35
40
45
50
0
0.025 0.05 0.075 0.1 0.125 0.15 0.175 0.2 0.225
I
OUT [A]
V
OUT = 2.8 V
V
IN = 2.3 V
0
5
10
15
20
25
30
35
40
45
50
0
0.025 0.05 0.075 0.1 0.125 0.15 0.175 0.2 0.225
I
OUT [A]
V
IN from 2.1 V to 2.3 V IOUT = 10 mA, Freq. = 1 kHz
V
OUT = 1.2 V
40
50
60
70
80
90
100
-75
-50 -25
0
25
50
75
100 125 150 175
T [°C]
V
IN from 2.1 V to 2.3 V IOUT = 10 mA, Freq. = 1 kHz
V
OUT = 1.2 V
40
50
60
70
80
90
100
-75
-50 -25
0
25
50
75
100 125 150 175
T [°C]


유사한 부품 번호 - LD39115J33R

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD39115J33R STMICROELECTRONICS-LD39115J33R Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
More results

유사한 설명 - LD39115J33R

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   Ultra low dropout voltage, Guaranteed 500 mA continuous output current
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
Toshiba Semiconductor
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
   150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com