전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54C-AU_R1_000A1 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 BAT54C-AU_R1_000A1
상세설명  SURFACE MOUNT SCHOTTKY BARRIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54C-AU_R1_000A1 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  BAT54C-AU_R1_000A1 Datasheet HTML 1Page - Pan Jit International Inc. BAT54C-AU_R1_000A1 Datasheet HTML 2Page - Pan Jit International Inc. BAT54C-AU_R1_000A1 Datasheet HTML 3Page - Pan Jit International Inc. BAT54C-AU_R1_000A1 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
September 23,2016-REV.09
BAT54-AU SERIES
Fig.17
SERIES
Fig.16
COMMON CATHODE
COMMON CATHODE
Fig.15
COMMON ANODE
Fig.14
SINGLE
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
30 Volt
0.2 Ampere
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
• Acquire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0003 ounces, 0.0084 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
CURRENT
Note : 1. I
F=10mA through IR=10mA to IR=1mA, RL=100Ω.
Pa r a me t e r
Sy mbol
B AT54- AU
BAT5 4 A- A U
B AT54C - A U
B AT54S - A U
Unit s
For w ar d Po w e r D i ssi pat io n@ TA=2 5 OC
P
D
225
mW
P eak R epet it ive R e ve r s e Vo l t age
V
RRM
30
V
M a xi mum A ver a ge For w ar d C ur r ent at TA=7 5 O C
I
O
0. 2
A
R epet it i ve Pe ak For w ar d C ur r ent
( t p= 8. 3m s, 50% D ut y C ycl e)
I
FR M
300
mA
P e a k F o rw a r d S ur g e Current, 1 s
I
FSM
0. 6
A
M a xi mum I ns t ant a neous For w ar d Vo l t age
@ I
F =1 m A
@ I
F = 100m A
V
F
0.3 2
0. 6
V
Ty pi cal I nst ant a neous For w a r d Vo lt age
@ I
F =0 .1 m A
V
F
0.2 2
V
M a xi mum DC Re ve r s e Cur r e nt a t Ra t e d DC Blo c k i ng
Vo l t age @ V
R = 25V
I
R
2
μA
Junc t i on C apaci t ance at V
R =1 V
C
J
10
pF
Ther ma l Re sis t anc e , Junc t i on t o A mbi ent
R
θJA
500
O C/ W
O per at i ng Junc t io n and S t or age Te m per at ur e R a ng e
T
J ,
T
STG
- 55 t o + 125
O C
Cir c ui t F i g ur e
-
Sing le
C o mmo n
A node
Co m mo n
Ca t hode
Se r i e s
-
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


유사한 부품 번호 - BAT54C-AU_R1_000A1

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAT54C-AU_R1_000A1 PANJIT-BAT54C-AU_R1_000A1 Datasheet
195Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results

유사한 설명 - BAT54C-AU_R1_000A1

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com